Electronic Components Datasheet Search
  English  ▼

X  

LT3574 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3574
Description  Isolated No Opto-Coupler Flyback Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3574 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3574 Datasheet HTML 12Page - Linear Technology LT3574 Datasheet HTML 13Page - Linear Technology LT3574 Datasheet HTML 14Page - Linear Technology LT3574 Datasheet HTML 15Page - Linear Technology LT3574 Datasheet HTML 16Page - Linear Technology LT3574 Datasheet HTML 17Page - Linear Technology LT3574 Datasheet HTML 18Page - Linear Technology LT3574 Datasheet HTML 19Page - Linear Technology LT3574 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT3798
16
3798f
Protection from Shorted Output Conditions
During a shorted output condition as shown in Figure 6, the
LT3798 operates at the minimum operating frequency. In
normal operation, the third winding provides power to the
IC, but the third winding voltage is zero during a shorted
condition. This causes the part’s VIN UVLO to shutdown
switching. The part starts switching again when VIN has
reached its turn-on voltage.
OPERATION
Usage with DC Input Voltage
The LT3798 is flexible enough to operate well from low
voltage to very high voltage DC input voltage applications.
When the supply voltage is less than 40V, the startup re-
sistor is not needed and the part's VIN can be connected
directly to the supply voltage. The startup sequence for
voltages higher than 40V is the same as what is described
for high voltage offline supply voltages.
The loop compensation component values can be chosen
to provide faster loop response since the LT3798 does
not have to provide PFC for the slow 50Hz/60Hz AC input
voltage. For DC input applications, connect a 25k resistor
from VIN_SENSE to INTVCC.
V3RD WINDING
20V/DIV
VOUT
10V/DIV
IOUT
1A/DIV
3798 F05
1ms/DIV
Figure 5. Switching Waveforms When Output
Open-Circuits or at Very Light Load Conditions
Figure 6. Switching Waveforms When Output Short-Circuits
VIN
20V/DIV
V3RD WINDING
50V/DIV
IPRI
1A/DIV
3798 F06
100ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com