Electronic Components Datasheet Search
  English  ▼

X  

LT3574 Datasheet(PDF) 17 Page - Linear Technology

Part # LT3574
Description  Isolated No Opto-Coupler Flyback Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3574 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT3574 Datasheet HTML 12Page - Linear Technology LT3574 Datasheet HTML 13Page - Linear Technology LT3574 Datasheet HTML 14Page - Linear Technology LT3574 Datasheet HTML 15Page - Linear Technology LT3574 Datasheet HTML 16Page - Linear Technology LT3574 Datasheet HTML 17Page - Linear Technology LT3574 Datasheet HTML 18Page - Linear Technology LT3574 Datasheet HTML 19Page - Linear Technology LT3574 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LT3798
17
3798f
TYPICAL APPLICATIONS
3798 TA02
VIN_SENSE
VIN
DCM
FB
VREF
CTRL2
CTRL1
GATE
SENSE
INTVCC
GND
LT3798
COMP+
VC
COMP–
C10
560μF
×
2
BR1:
DIODES, INC. HD06
C8:
VISHAY 440LD22-R
D1:
CENTRAL SEMICONDUCTOR CMR1U-06M
D2,D3: DIODES INC. BAV20W
D4:
CENTRAL SEMICONDUCTOR CMR1U-02M
M1:
FAIRCHILD FDPF15N65
T1:
COILCRAFT JA4429-AL
Z1:
FAIRCHILD SMBJ170A
Z2:
CENTRAL SEMICONDUCTOR CMZ5937B
C4
4.7pF
C5
10μ
F
C8
2.2nF
4:1:1
C7, 0.1μF
R16
20Ω
R17
20Ω
D2
D4
Z1
D1
RS
0.05Ω
R4
499k
R3
499k
R8
100k
R7
100k
R15
4.99k
C6
22pF
R14
90.9k
CTRL3
EN/UVLO
R9
40.2k
R11
100k
R10
16.5k
C3
2.2μF
OVP
R12
221k
C9
4.7μF
R13
2k
D3
Z2
“Y1 CAP”
M1
24V
1A
R6
95.3k
R5
1M
90V
TO 265V
AC
C2
0.1μF
C1
0.068μF
BR1
L1
33mH
L2
800μH
+
Universal Input 24W PFC Bus Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com