Electronic Components Datasheet Search
  English  ▼

X  

LT3574 Datasheet(PDF) 18 Page - Linear Technology

Part # LT3574
Description  Isolated No Opto-Coupler Flyback Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3574 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT3574 Datasheet HTML 12Page - Linear Technology LT3574 Datasheet HTML 13Page - Linear Technology LT3574 Datasheet HTML 14Page - Linear Technology LT3574 Datasheet HTML 15Page - Linear Technology LT3574 Datasheet HTML 16Page - Linear Technology LT3574 Datasheet HTML 17Page - Linear Technology LT3574 Datasheet HTML 18Page - Linear Technology LT3574 Datasheet HTML 19Page - Linear Technology LT3574 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LT3798
18
3798f
TYPICAL APPLICATIONS
3798 TA03
VIN_SENSE
VIN
DCM
FB
VREF
CTRL2
CTRL1
GATE
SENSE
INTVCC
GND
LT3798
COMP+
VC
COMP–
C10
1000μF
×2
C11
10μF
×2
BR1:
DIODES, INC. HD06
C8:
VISHAY 440LD22-R
C11:
MURATA GRM32ER7YA106KA12L
D1:
CENTRAL SEMICONDUCTOR CMR1U-06M
D2,D3: DIODES INC. BAV20W
D4:
DIODES INC. SBR20A200CTB
M1:
INFINEON IPB60R165CP
T1:
WÜRTH ELEKTRONIK 750811248
Z1:
FAIRCHILD SMBJ170A
Z2:
CENTRAL SEMICONDUCTOR CMZ5937B
C4
22pF
C5
10μF
C8
2.2nF
4:1:1
C3
1μF
C7, 0.1μF
R16
20Ω
R17
47Ω
D2
D4
M1
Z1
Z2
D1
RS
0.03Ω
R4
499k
R3
499k
R8
100k
R7
100k
R15
5.49k
C6
22pF
R14
100k
CTRL3
EN/UVLO
OVP
R9
40.2k
R10
31.6k
R12
221k
R11
100k
R5
2.4M
R6
301k
C9
4.7μF
R13
33k
D3
24V
2A
90V
TO 265V
AC
C2
0.22μF
C1
0.1μF
BR1
L2
27mH
L1
1mH
+
“Y1 CAP”
Universal Input 48W PFC Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com