Electronic Components Datasheet Search
  English  ▼

X  

LT3574 Datasheet(PDF) 20 Page - Linear Technology

Part # LT3574
Description  Isolated No Opto-Coupler Flyback Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3574 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3574 Datasheet HTML 12Page - Linear Technology LT3574 Datasheet HTML 13Page - Linear Technology LT3574 Datasheet HTML 14Page - Linear Technology LT3574 Datasheet HTML 15Page - Linear Technology LT3574 Datasheet HTML 16Page - Linear Technology LT3574 Datasheet HTML 17Page - Linear Technology LT3574 Datasheet HTML 18Page - Linear Technology LT3574 Datasheet HTML 19Page - Linear Technology LT3574 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT3798
20
3798f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2012
LT 0212 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT3799/LT3799-1
Offline Isolated Flyback LED Controller
with Active PFC
No Opto-Coupler Required, TRIAC Dimmable, VIN and VOUT Limited Only by
External Components, MSOP-16E
LT3748
100V Isolated Flyback Controller
5V ≤ VIN ≤ 100V, No Opto Flyback , MSOP-16 with High Voltage Spacing
LT3573/LT3574/LT3575
40V Isolated Flyback Converters
Monolithic No-Opto Flybacks with Integrated 1.25A/0.65A/2.5A Switch
LT3511/LT3512
100V Isolated Flyback Converters
Monolithic No-Opto Flybacks with Integrated 240mA/420mA Switch
LT3757/LT3758
40V/100V Flyback/Boost Controllers
Universal Controllers with Small Package and Powerful Gate Drive
LT3957/LT3958
40V/100V Flyback/Boost Converters
Monolithic with Integrated 5A/3.3A Switch
LTC3803/LTC3803-3/LTC3803-5 200kHz/300kHz Flyback Controllers
VIN and VOUT Limited Only by External Components
LTC3805/LTC3805-5
Adjustable Frequency Flyback
Controllers
VIN and VOUT Limited Only by External Components
3798 TA04
VIN_SENSE
VIN
DCM
FB
VREF
CTRL2
CTRL1
GATE
SENSE
INTVCC
GND
LT3798
COMP+
VC
COMP–
C10
10μF
×4
C2:
TDK C5750X7S2A106M
C8:
VISHAY 440LD22-R
C10:
MURATA GRM32ER7YA106KA12L
D1:
DIODES INC. DFLS1150
D2,D3: DIODES INC. BAV20W
D4:
ON SEMICONDUCTOR MBR20200CT
D5:
DIODES INC. DFLS2100
C4
15pF
C5
10μF
C8
2.2nF
C6
22pF
1:1:0.8
C3
0.1μF
C7, 22nF
R17
20Ω
D2
D4
M1
Z1
Z2
“Y1 CAP”
D1
Z3
D5
RS
0.004Ω
R4
24k
TO
INTVCC
R8
6.8k
R7
6.8k
R15
5.9k
R14
100k
CTRL3
EN/UVLO
OVP
R9
40.2k
R10
34.8k
R3
16.2k
R12
221k
R11
100k
R5
402k
R6
51.1k
C9
4.7μF
R13
15k
D3
28V
4A
C2
10μF
VIN
20V TO 60V
M1:
FAIRCHILD FDP2532
T1:
WÜRTH ELEKTRONIK 750312872
Z1:
DIODES INC. SMCJ60A
Z2:
CENTRAL SEMICONDUCTOR CMZ59398
Z3:
FAIRCHILD SMBJ170A
112W Wide DC Input Industrial Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com