Electronic Components Datasheet Search
  English  ▼

X  

LMV821 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMV821
Description  Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV821 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMV821 Datasheet HTML 8Page - Texas Instruments LMV821 Datasheet HTML 9Page - Texas Instruments LMV821 Datasheet HTML 10Page - Texas Instruments LMV821 Datasheet HTML 11Page - Texas Instruments LMV821 Datasheet HTML 12Page - Texas Instruments LMV821 Datasheet HTML 13Page - Texas Instruments LMV821 Datasheet HTML 14Page - Texas Instruments LMV821 Datasheet HTML 15Page - Texas Instruments LMV821 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Typical Performance Characteristics Unless otherwise specified, V
S = +5V, single supply,
TA = 25˚C. (Continued)
THD vs. Frequency
10012882
Application Note
This application note is divided into two sections: design
considerations and Application Circuits.
DESIGN CONSIDERATIONS
This section covers the following design considerations:
1. Frequency and Phase Response Considerations
2. Unity-Gain Pulse Response Considerations
3. Input Bias Current Considerations
FREQUENCY AND PHASE RESPONSE
CONSIDERATIONS
The relationship between open-loop frequency response
and open-loop phase response determines the closed-loop
stability performance (negative feedback). The open-loop
phase response causes the feedback signal to shift towards
becoming positive feedback, thus becoming unstable. The
further the output phase angle is from the input phase angle,
the more stable the negative feedback will operate. Phase
Margin (
φ
m) specifies this output-to-input phase relationship
at the unity-gain crossover point. Zero degrees of phase-
margin means that the input and output are completely in
phase with each other and will sustain oscillation at the
unity-gain frequency.
The AC tables show
φ
m for a no load condition. But
φ
m
changes with load. The Gain and Phase margin vs Fre-
quency plots in the curve section can be used to graphically
determine the
φ
m for various loaded conditions. To do this,
examine the phase angle portion of the plot, find the phase
margin point at the unity-gain frequency, and determine how
far this point is from zero degree of phase-margin. The larger
the phase-margin, the more stable the circuit operation.
The bandwidth is also affected by load. The graphs of Figure
1 and Figure 2 provide a quick look at how various loads
affect the
φ
m and the bandwidth of the LMV821/822/824
family. These graphs show capacitive loads reducing both
φ
m and bandwidth, while resistive loads reduce the band-
width but increase the
φ
m. Notice how a 600
Ω resistor can be
added in parallel with 220 picofarads capacitance, to in-
crease the
φ
m 20˚(approx.), but at the price of about a 100
kHz of bandwidth.
Overall, the LMV821/822/824 family provides good stability
for loaded condition.
10012860
FIGURE 1. Phase Margin vs Common Mode Voltage for
Various Loads
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com