Electronic Components Datasheet Search
  English  ▼

X  

LMV821 Datasheet(PDF) 16 Page - Texas Instruments

Part # LMV821
Description  Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV821 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMV821 Datasheet HTML 12Page - Texas Instruments LMV821 Datasheet HTML 13Page - Texas Instruments LMV821 Datasheet HTML 14Page - Texas Instruments LMV821 Datasheet HTML 15Page - Texas Instruments LMV821 Datasheet HTML 16Page - Texas Instruments LMV821 Datasheet HTML 17Page - Texas Instruments LMV821 Datasheet HTML 18Page - Texas Instruments LMV821 Datasheet HTML 19Page - Texas Instruments LMV821 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Application Note (Continued)
To simplify the design process, certain components are set
equal to each other. Refer to Figure 10 and Figure 11. These
equal component values help to simplify the design equa-
tions as follows:
To illustrate the design process/implementation, a 3 kHz,
Butterworth response, low-pass filter DAAF (Figure 10)is
designed as follows:
1. Choose C
1 =C3 =C=1nF
2. Choose R
4 =R5 =1k
Ω
3. Calculate R
a and R2 for the desired Fc as follows:
4. Calculate R
3 for the desired Q. The desired Q for a
Butterworth (Maximally Flat) response is 0.707 (45 degrees
into the s-plane). R
3 calculates as follows:
Notice that R
3 could also be calculated as 0.707 of Ra or R2.
The circuit was implemented and its cutoff frequency mea-
sured. The cutoff frequency measured at 2.92 kHz.
The circuit also showed good repeatability. Ten different
LMV822 samples were placed in the circuit. The correspond-
ing change in the cutoff frequency was less than a percent.
TRI-LEVEL VOLTAGE DETECTOR
The tri-level voltage detector of Figure 13 provides a type of
window comparator function. It detects three different input
voltage ranges: Min-range, Mid-range, and Max-range. The
output voltage (V
O)isatVCC for the Min-range. VO is
clamped at GND for the Mid-range. For the Max-range, V
O is
at V
ee. Figure 14 shows a VO vs. VI oscilloscope photo per
the circuit of Figure 13.
Its operation is as follows: V
I deviating from GND, causes
the diode bridge to absorb I
IN to maintain a clamped condi-
tion (V
O= 0V). Eventually, IIN reaches the bias limit of the
diode bridge. When this limit is reached, the clamping effect
stops and the op amp responds open loop. The design
equation directly preceding Figure 14, shows how to deter-
mine the clamping range. The equation solves for the input
voltage band on each side GND. The mid-range is twice this
voltage band.
10012889
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com