Electronic Components Datasheet Search
  English  ▼

X  

LMV821 Datasheet(PDF) 14 Page - Texas Instruments

Part # LMV821
Description  Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV821 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMV821 Datasheet HTML 10Page - Texas Instruments LMV821 Datasheet HTML 11Page - Texas Instruments LMV821 Datasheet HTML 12Page - Texas Instruments LMV821 Datasheet HTML 13Page - Texas Instruments LMV821 Datasheet HTML 14Page - Texas Instruments LMV821 Datasheet HTML 15Page - Texas Instruments LMV821 Datasheet HTML 16Page - Texas Instruments LMV821 Datasheet HTML 17Page - Texas Instruments LMV821 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Application Note (Continued)
3. Dual Amplifier Active Filters (DAAFs)
•
a. Low-Pass Filter (LPF)
•
b. High-Pass Filter (HPF)
4. Tri-level Voltage Detector
TELEPHONE-LINE TRANSCEIVER
The telephone-line transceiver of Figure 7 provides a full-
duplexed connection through a PCMCIA, miniature trans-
former. The differential configuration of receiver portion
(UR), cancels reception from the transmitter portion (UT).
Note that the input signals for the differential configuration of
UR, are the transmit voltage (V
T) and VT/2. This is because
R
match is chosen to match the coupled telephone-line imped-
ance; therefore dividing V
T
by two (assuming R1 >>
R
match). The differential configuration of UR has its resistors
chosen to cancel the V
T and VT/2 inputs according to the
following equation:
Note that Cr is included for canceling out the inadequacies of
the lossy, miniature transformer. Refer to application note
AN-397 for detailed explanation.
“SIMPLE” MIXER (AMPLITUDE MODULATOR)
The mixer of Figure 8 is simple and provides a unique form
of amplitude modulation. Vi is the modulation frequency
(F
M), while a +3V square-wave at the gate of Q1, induces a
carrier frequency (F
C). Q1 switches (toggles) U1 between
inverting and non-inverting unity gain configurations. Offset-
ting a sine wave above ground at Vi results in the oscillo-
scope photo of Figure 9.
The simple mixer can be applied to applications that utilize
the Doppler Effect to measure the velocity of an object. The
difference frequency is one of its output frequency compo-
nents. This difference frequency magnitude (/F
M-FC/) is the
key factor for determining an object’s velocity per the Dop-
pler Effect. If a signal is transmitted to a moving object, the
reflected frequency will be a different frequency. This differ-
ence in transmit and receive frequency is directly propor-
tional to an object’s velocity.
DUAL AMPLIFIER ACTIVE FILTERS (DAAFs)
The LMV822/24 bring economy and performance to DAAFs.
The low-pass and the high-pass filters of Figure 10 and
Figure 11 (respectively), offer one key feature: excellent
sensitivity performance. Good sensitivity is when deviations
in component values cause relatively small deviations in a
filter’s parameter such as cutoff frequency (Fc). Single am-
plifier active filters like the Sallen-Key provide relatively poor
sensitivity performance that sometimes cause problems for
high production runs; their parameters are much more likely
to deviate out of specification than a DAAF would. The
DAAFs of Figure 10 and Figure 11 are well suited for high
volume production.
10012833
FIGURE 7. Telephone-line Transceiver for a PCMCIA
Modem Card
10012839
FIGURE 8. Amplitude Modulator Circuit
f
f
mod
carrier
10012840
FIGURE 9. Output signal per the Circuit of Figure 8
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com