Electronic Components Datasheet Search
  English  ▼

X  

LMV821 Datasheet(PDF) 15 Page - Texas Instruments

Part # LMV821
Description  Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV821 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMV821 Datasheet HTML 11Page - Texas Instruments LMV821 Datasheet HTML 12Page - Texas Instruments LMV821 Datasheet HTML 13Page - Texas Instruments LMV821 Datasheet HTML 14Page - Texas Instruments LMV821 Datasheet HTML 15Page - Texas Instruments LMV821 Datasheet HTML 16Page - Texas Instruments LMV821 Datasheet HTML 17Page - Texas Instruments LMV821 Datasheet HTML 18Page - Texas Instruments LMV821 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Application Note (Continued)
Table 1 provides sensitivity measurements for a 10 M
Ω load
condition. The left column shows the passive components
for the 3 kHz low-pass DAAF. The third column shows the
components for the 300 Hz high-pass DAAF. Their respec-
tive sensitivity measurements are shown to the right of each
component column. Their values consists of the percent
change in cutoff frequency (Fc) divided by the percent
change in component value. The lower the sensitivity value,
the better the performance.
Each resistor value was changed by about 10 percent, and
this measured change was divided into the measured
change in Fc. A positive or negative sign in front of the
measured value, represents the direction Fc changes rela-
tive to components’ direction of change. For example, a
sensitivity value of negative 1.2, means that for a 1 percent
increase in component value, Fc decreases by 1.2 percent.
Note that this information provides insight on how to fine
tune the cutoff frequency, if necessary. It should be also
noted that R
4 and R5 of each circuit also caused variations in
the pass band gain. Increasing R
4 by ten percent, increased
the gain by 0.4 dB, while increasing R
5 by ten percent,
decreased the gain by 0.4 dB.
TABLE 1.
Component
(LPF)
Sensitivity
(LPF)
Component
(HPF)
Sensitivity
(HPF)
R
a
-1.2
C
a
-0.7
C
1
-0.1
R
b
-1.0
R
2
-1.1
R
1
+0.1
R
3
+0.7
C
2
-0.1
C
3
-1.5
R
3
+0.1
R
4
-0.6
R
4
-0.1
R
5
+0.6
R
5
+0.1
Active filters are also sensitive to an op amp’s parameters
-Gain and Bandwidth, in particular. The LMV822/24 provide
a large gain and wide bandwidth. And DAAFs make excel-
lent use of these feature specifications.
Single Amplifier versions require a large open-loop to
closed-loop gain ratio - approximately 50 to 1, at the Fc of
the filter response. Figure 12 shows an impressive photo-
graph of a network analyzer measurement (hp3577A). The
measurement was taken from a 300 kHz version of Figure
10. At 300 kHz, the open-loop to closed-loop gain ratio @ Fc
is about 5 to 1. This is 10 times lower than the 50 to 1 “rule
of thumb” for Single Amplifier Active Filters.
In addition to performance, DAAFs are relatively easy to
design and implement. The design equations for the low-
pass and high-pass DAAFs are shown below. The first two
equation calculate the Fc and the circuit Quality Factor (Q)
for the LPF (Figure 10). The second two equations calculate
the Fc and Q for the HPF (Figure 11).
10012836
FIGURE 10. Dual Amplifier, 3 kHz Low-Pass Active
Filter with a Butterworth Response and a Pass Band
Gain of Times Two
10012837
FIGURE 11. Dual Amplifier, 300 Hz High-Pass Active
Filter with a Butterworth Response and a Pass Band
Gain of Times Two
10012892
FIGURE 12. 300 kHz, Low-Pass Filter, Butterworth
Response as Measured by the HP3577A Network
Analyzer
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com