Electronic Components Datasheet Search
  English  ▼

X  

SN11083 Datasheet(PDF) 1 Page - SONiX Technology Company

Part # SN11083
Description  USB to Flash Interface Controller, Mass Storage Class Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11083 Datasheet(HTML) 1 Page - SONiX Technology Company

  SN11083 Datasheet HTML 1Page - SONiX Technology Company SN11083 Datasheet HTML 2Page - SONiX Technology Company SN11083 Datasheet HTML 3Page - SONiX Technology Company SN11083 Datasheet HTML 4Page - SONiX Technology Company SN11083 Datasheet HTML 5Page - SONiX Technology Company SN11083 Datasheet HTML 6Page - SONiX Technology Company SN11083 Datasheet HTML 7Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN11083
Confidential
2002/6/26
0.2
1
USB to Flash Interface Controller, Mass
Storage Class Compliant
1 General Description
SN11083 is a high-performance integrated circuit to bridge USB and Flash
memory. It provides a flexible and cost efficient single chip solution for external
storage applications that intend to utilize the convenience of USB. To help the system
manufacturers to build high quality, low cost USB storage systems, several special
features are implemented. The embedded translation table helps the system makers to
design a high performance NAND type flash device but still keeps the cost low. The
proprietary randomization algorithm effectively extends the lifetime of the flash
memory, ensuring the robustness of the system. The real time ECC correction keeps
the data integrity while still maintains the high data transfer rate.
The external serial EEPROM provides the possibility to customize the USB
identity for each product. The OEM makers could make products for different
customers by just putting the vendor/product ID and names in the EEPROM but still
keep other things the same. The serial number can help the system manufacturers to
track down every single device they made even when the design and the PID/VID are
all the same. The USB Mass Storage Class compliance capability of SN11083 makes
it a truly “plug-and-play” device without vendor drivers needed under the OS like
Windows 2000/ME/XP and Mac OS 9/10. This feature not only makes the system
developing faster and easier, but also reduces the cost and increases the reliability.
The SN11083 also provides the capability to boot the PC. Therefore, the system
manufacturers can use it to build a much faster, high capacity, reliable, and portable
system to replace the legacy floppy disk easily.
With so many functions built- in and the high performance, easy to design- in
architecture, SN11083 is an ideal choice for building a portable USB to Flash storage
system.


Similar Part No. - SN11083

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11085 SONIX-SN11085 Datasheet
229Kb / 16P
SN11085 USB1.1 Flash memory Controller
SN11086 SONIX-SN11086 Datasheet
227Kb / 14P
Second Generation USB1.1 Flash Memory Controller
SN11087 SONIX-SN11087 Datasheet
227Kb / 14P
Second Generation USB1.1 Flash Memory Controller
SN11088 SONIX-SN11088 Datasheet
655Kb / 14P
Third Generation USB1.1 Flash Memory Controller
More results

Similar Description - SN11083

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11011 SONIX-SN11011 Datasheet
225Kb / 18P
USB to CF/ATA/ATAPI Interface Controller, Mass Storage Class Compliant?
SN11012 SONIX-SN11012 Datasheet
523Kb / 7P
USB to SM/Flash Interface Controller, Mass Storage Class Compliant
SN11030 SONIX-SN11030 Datasheet
236Kb / 8P
USB to CF/ATA/SM/Flash Interface Controller, Mass Storage Class Compliant
logo
List of Unclassifed Man...
ISD-200 ETC2-ISD-200 Datasheet
370Kb / 64P
USB Mass Storage Class Bulk-Only Specification Compliant
logo
Cypress Semiconductor
CYWB0124AB CYPRESS-CYWB0124AB Datasheet
254Kb / 2P
West Bridge??: Antioch??USB/Mass Storage Peripheral Controller
CYWB0124AB CYPRESS-CYWB0124AB_09 Datasheet
259Kb / 2P
West Bridge,Antioch,USB/Mass Storage Peripheral Controller
logo
Renesas Technology Corp
SH7216 RENESAS-SH7216 Datasheet
269Kb / 32P
USB Mass Storage Class
logo
Micron Technology
MTEDCAR002SAJ MICRON-MTEDCAR002SAJ Datasheet
216Kb / 11P
Embedded USB Mass Storage Drive
logo
Cypress Semiconductor
CYUSB202X CYPRESS-CYUSB202X Datasheet
595Kb / 27P
SD2??USB and Mass Storage Peripheral Controller
CYUSB302X CYPRESS-CYUSB302X Datasheet
779Kb / 34P
SD3??USB and Mass Storage Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com