Electronic Components Datasheet Search
  English  ▼

X  

SN11083 Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SN11083
Description  USB to Flash Interface Controller, Mass Storage Class Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11083 Datasheet(HTML) 2 Page - SONiX Technology Company

  SN11083 Datasheet HTML 1Page - SONiX Technology Company SN11083 Datasheet HTML 2Page - SONiX Technology Company SN11083 Datasheet HTML 3Page - SONiX Technology Company SN11083 Datasheet HTML 4Page - SONiX Technology Company SN11083 Datasheet HTML 5Page - SONiX Technology Company SN11083 Datasheet HTML 6Page - SONiX Technology Company SN11083 Datasheet HTML 7Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SN11083
Confidential
2002/6/26
0.2
2
2 Features
l
12 MHz USB 1.1 full-speed compatible.
l
USB 1.1 Mass Storage Class compliant
l
USB Mass Storage Class Bulk-Only Transport 1.0 supported
l
USB Mass Storage Class SCSI transparent command set supported
l
12
characters
of
serial
number
and
up
to
28
characters
of
Vendor/Product/Revision supported with external EEPROM
l
Support NAND-type flash memory, from 4Mbytes to 128 Mbytes
l
Real-time ECC correction circuit to ensure the data integrity and accelerate the
access speed for NAND-type flash.
l
Built- in SRAM to support logical-to-physical address translation for NAND-type
flash to reduce cost and increase performance and reliability
l
Built- in FIFO for upstream and downstream data transfer
l
Data transfer rate up to 1.5 MB/s (burst), 1.1 MB/s (read average),
l
LED lightening pin available.
l
PC boot up capability provided (PC BIOS needs to support USB ZIP boot up)
(version 2 only)
l
No Driver needed under Microsoft Windows ME/2000/XP, Mac OS 9.x/10.x
l
Driver support Microsoft Windows 98
l
Single 3.3V operation
l
48 pin LQFP package.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com