Electronic Components Datasheet Search
  English  ▼

X  

SN11083 Datasheet(PDF) 4 Page - SONiX Technology Company

Part # SN11083
Description  USB to Flash Interface Controller, Mass Storage Class Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11083 Datasheet(HTML) 4 Page - SONiX Technology Company

  SN11083 Datasheet HTML 1Page - SONiX Technology Company SN11083 Datasheet HTML 2Page - SONiX Technology Company SN11083 Datasheet HTML 3Page - SONiX Technology Company SN11083 Datasheet HTML 4Page - SONiX Technology Company SN11083 Datasheet HTML 5Page - SONiX Technology Company SN11083 Datasheet HTML 6Page - SONiX Technology Company SN11083 Datasheet HTML 7Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN11083
Confidential
2002/6/26
0.2
4
29 ROMCS
DIO 4mA
Chip select for external EEPROM
30 GND
PWR
Digital ground
31 VDD
PWR
Digital 3.3V
32 ROMSK
DIO 4mA
Clock for external serial EEPROM
33 ROMDI
DIO 4mA
Serial data to external EEPROM
34 ROMDO
DIO 4mA
Serial data from external EEPROM
35 NC
-
-
-
No Connect
36 FLWPSW DI
PU
Flash write protect switch
37 AVDD
PWR
analog 3.3V
38 AVSS
PWR
analog ground
39 DPLUS
AIO -
-
USB D+ signal
40 DMINUS
AIO -
-
USB D- signal
41 NC
Not Connected
42 NC
Not Connected
43 NC
Not Connected
44 NC
Not Connected
45 FLD4
DIO 8mA PD
Flash data bit 4
46 FLD5
DIO 8mA PD
Flash data bit 5
47 FLD3
DIO 8mA PD
Flash data bit 3
48 VDD
P
-
-
Digital 3.3V
¨
P: power pin; AI: analog input pin, AIO: analog input/output pin; DI: digital input pin; DO: digital output
pin; DIO: digital input/output pin.
¨
TTL: TTL compatible input pin; PD: pull down; PU: pull up.
¨
All pads are Schmitt triggered and with slew rate control



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com