Electronic Components Datasheet Search
  English  ▼

X  

SN11083 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SN11083
Description  USB to Flash Interface Controller, Mass Storage Class Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11083 Datasheet(HTML) 3 Page - SONiX Technology Company

  SN11083 Datasheet HTML 1Page - SONiX Technology Company SN11083 Datasheet HTML 2Page - SONiX Technology Company SN11083 Datasheet HTML 3Page - SONiX Technology Company SN11083 Datasheet HTML 4Page - SONiX Technology Company SN11083 Datasheet HTML 5Page - SONiX Technology Company SN11083 Datasheet HTML 6Page - SONiX Technology Company SN11083 Datasheet HTML 7Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SN11083
Confidential
2002/6/26
0.2
3
3 Pin Assignment
Pin# PAD Name Type Drive Special Description
1 GND
PWR
Digital ground
2 FLD6
DIO 8mA PD
Flash data bit 6
3 FLD2
DIO 8mA PD
Flash data bit 2
4 FLD7
DIO 8mA PD
Flash data bit 7
5 FLD1
DIO 8mA PD
Flash data bit 1
6 FLD0
DIO 8mA PD
Flash data bit 0
7 FLWP
DO
8mA
Flash write protect
8 FLRB
DI
Flash ready/busy
9 FLWE
DIO 8mA PD
Flash write enable
10 FLRE
DIO 8mA PD
Flash read enable
11 FLALE
DO
8mA
Flash address latch enable
12 GND
PWR
Digital ground
13 VDD
PWR
Digital 3.3V
14 FLCLE
DO
8mA
Flash command latch enable
15 FLCE
DO
8mA
Flash chip enable
16 NC
Not Connected
17 NC
Not Connected
18 NC
Not Connected
19 LED
DO
8mA PD
LED lighter
20 RSTN
DI
PU
Chip reset
21 TEST
DI
PD
Test pin
22 NC
-
-
No Connect
23 XIN
I
-
-
Crystal input or oscillator input
24 XOUT
O
-
-
Crystal output or no connection
25 NC
-
-
No Connect
26 NC
-
-
No Connect
27 FLPOWER DO
8mA OC
Flash power control
28 GPIO0
DIO 8mA
General Purpose Input/Output 0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com