Electronic Components Datasheet Search
  English  ▼

X  

SNAD01C Datasheet(PDF) 11 Page - SONiX Technology Company

Part # SNAD01C
Description  8-CHANNEL 8-BIT ADC?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD01C Datasheet(HTML) 11 Page - SONiX Technology Company

Back Button SNAD01C Datasheet HTML 7Page - SONiX Technology Company SNAD01C Datasheet HTML 8Page - SONiX Technology Company SNAD01C Datasheet HTML 9Page - SONiX Technology Company SNAD01C Datasheet HTML 10Page - SONiX Technology Company SNAD01C Datasheet HTML 11Page - SONiX Technology Company SNAD01C Datasheet HTML 12Page - SONiX Technology Company SNAD01C Datasheet HTML 13Page - SONiX Technology Company SNAD01C Datasheet HTML 14Page - SONiX Technology Company SNAD01C Datasheet HTML 15Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
SNAD01C
8-CHANNEL 8-BIT ADC
(1) The power down command (000/111) is sent to SNAD01C in the first three cycles, and then
SNAD01C enters into power down mode at the 8th clock cycle, consuming almost no current
(less than 1uA).
(2) After SNAD01C enters power down (mode 0: command 000), SNAD01C sends “0” out to
DIO until a valid logic transition appears on any wakeup-enabled digital input channel. Once
the transition occurs, SNAD01C toggles DIO to “1” to inform host controller. After receiving
“1” from DIO, host controller should turn START back to “1” to inform SNAD01C that the
power-down stage is over. Otherwise, SNAD01C keeps sending out “1” to DIO and does not
recognize any other transitions on any channels.
(3) After SNAD01C enters power down (mode 1: command 111), SNAD01C sends “1” out to
DIO until a valid logic transition appears on any wakeup-enabled digital input channel. Once
the transition occurs, SNAD01C toggles DIO to “0” to inform host controller. After receiving
“0” from DIO, host controller should turn START back to “1” to inform SNAD01C that the
power-down stage is over. Otherwise, SNAD01C keeps sending out “1” to DIO and does not
recognize any other transitions any the channels.
(4) The CLK may stop but START ought to remain at LOW level in the whole power down mode.
(5) The SNAD01C provides two power-down mode “POWER_DOWN 0” and
“POWER_DOWN 1”, user has to select a property power-down mode that it depend
on what kind I/O type for host MCU (pull-up or pull-low) before ADC enter
power-down mode. Otherwise, it will generate a DC-path and the standby current
also will go up.
(6) Before into power down mode, the “RF” and “MB” register must set up “0”, otherwise
the standby current will more than 1uA.
Note:
Wakeup function is only dedicated to the channel which is digital input type AND wakeup-enabled.
6.7. Bandgap reference
VDD
VSS
REF
PAD
to reference
high of the ADC
RF
MB
1.2v
bandgap
reference
ON CHIP
OFF CHIP
Figure-10 Circuit diagram of ADC bandgap reference selection
Version: 1.5
July 31, 2003
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com