Electronic Components Datasheet Search
  English  ▼

X  

SNAD01C Datasheet(PDF) 14 Page - SONiX Technology Company

Part # SNAD01C
Description  8-CHANNEL 8-BIT ADC?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD01C Datasheet(HTML) 14 Page - SONiX Technology Company

Back Button SNAD01C Datasheet HTML 10Page - SONiX Technology Company SNAD01C Datasheet HTML 11Page - SONiX Technology Company SNAD01C Datasheet HTML 12Page - SONiX Technology Company SNAD01C Datasheet HTML 13Page - SONiX Technology Company SNAD01C Datasheet HTML 14Page - SONiX Technology Company SNAD01C Datasheet HTML 15Page - SONiX Technology Company SNAD01C Datasheet HTML 16Page - SONiX Technology Company SNAD01C Datasheet HTML 17Page - SONiX Technology Company SNAD01C Datasheet HTML 18Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
SNAD01C
8-CHANNEL 8-BIT ADC
7. ELECTRICAL CHARACTERISTICS
Typical values apply for VDD=VREF=3.0 V, TAMB=25 °C unless otherwise noted.
Symbol
Parameter
min
typ
max
Unit
Conditions
Analog-to-Digital Converter
VDD
Operating voltage
2.7
3.0
5.25
V
IDD
Operating current
400
µA
Excluding bandgap reference
and Control Register’s RF is
set up 0 .
VDD=3.0V
IPDN
Power Down Current
0.1
µA
VDD=3.0V
FSMP
Conversion Rate
(Throughput Rate)
30
40
kHz
VDD=3.0V
VDD=5.0V
DNL
Differential Nonlinearity
±0.5
LSB
INL
Integral Nonlinearity
±-0.5
LSB
NMC
No Missing Code
8
Bits
VDD=2.7~5.25V
SINAD
Signal to Noise and
Distortion
50
dB
ENOB
Effective Number of Bits
8
Bits
Bandgap reference
VBG
Bandgap reference output
voltage
1.14
1.17
1.20
V
IBG
Operating current of BGR
400
µA
Digital Interface
Weak pull up/down
resistance
500k
Ω
VDD=3V
Output drive/sink current of
DIO
3
mA
VOP=VDD-0.5v / VSS+0.5v
Version: 1.5
July 31, 2003
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com