Electronic Components Datasheet Search
  English  ▼

X  

SNAD01C Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SNAD01C
Description  8-CHANNEL 8-BIT ADC?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD01C Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SNAD01C Datasheet HTML 3Page - SONiX Technology Company SNAD01C Datasheet HTML 4Page - SONiX Technology Company SNAD01C Datasheet HTML 5Page - SONiX Technology Company SNAD01C Datasheet HTML 6Page - SONiX Technology Company SNAD01C Datasheet HTML 7Page - SONiX Technology Company SNAD01C Datasheet HTML 8Page - SONiX Technology Company SNAD01C Datasheet HTML 9Page - SONiX Technology Company SNAD01C Datasheet HTML 10Page - SONiX Technology Company SNAD01C Datasheet HTML 11Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SNAD01C
8-CHANNEL 8-BIT ADC
6.2. Channel Setting
Figure-4 The timing diagram of channel attribute/wakeup setting
CLK
START
Channel Setting
HiZ
CM2
CM1
CM0
CH[7] CH[6] CH[5] CH[4]
CH[3] CH[2] CH[1]
CH[0]
X
XX
X
X
DIO
Port Input
(1) Command 001: channel attribute setting.
(2) Command 010: wakeup function setting.
In attribute setting, “1” means analog and “0” means digital. In wakeup setting, “1” means enable
and “0” means disable. After all of the channels are set, the DIO port remains input mode and all
the following data are ignored.
6.3. Control Register Setting
CLK
START
Control Register Setting
HiZ
CM2
CM
1
CM0
PH
PL
RF
MB
X
X
X
X
X
XX
X
X
DIO
Port Input
Figure-5 The timing diagram of control registers setting
(1) Command ID: (011)
(2) 4-bit data behind command ID are loaded into control registers with the sequence of PH, PL,
RF and MB.
(3) The function of each control registers are as Table-3.
Version: 1.5
July 31, 2003
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com