Electronic Components Datasheet Search
  English  ▼

X  

SNAD01C Datasheet(PDF) 15 Page - SONiX Technology Company

Part # SNAD01C
Description  8-CHANNEL 8-BIT ADC?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD01C Datasheet(HTML) 15 Page - SONiX Technology Company

Back Button SNAD01C Datasheet HTML 11Page - SONiX Technology Company SNAD01C Datasheet HTML 12Page - SONiX Technology Company SNAD01C Datasheet HTML 13Page - SONiX Technology Company SNAD01C Datasheet HTML 14Page - SONiX Technology Company SNAD01C Datasheet HTML 15Page - SONiX Technology Company SNAD01C Datasheet HTML 16Page - SONiX Technology Company SNAD01C Datasheet HTML 17Page - SONiX Technology Company SNAD01C Datasheet HTML 18Page - SONiX Technology Company SNAD01C Datasheet HTML 19Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
SNAD01C
8-CHANNEL 8-BIT ADC
8. APPLICATION CIRCUITS
Example Circuit: SNAD01C works with Sonix 4-bit Series Controller
CH[0], CH[1], CH[2]: Analog Input
CH[6]: Digital Input
CH[7]: Battery Voltage Detect
REF=VDD+
4-bit Voice chip
P22
SNAD02
START
CLK
DIO
VDD
AVDD
REF
VDD
VSS
AVSS
CH[0]
CH[1]
CH[7]
Analog Signal
0.1uF
VDD
P21
P20
VSS
SN100/300/500
SN66/67/68/6A
Analog Signal
CH[2]
Analog Signal
CH[6]
VDD
Figure-13
SNAD01C works with Sonix 4-bit Series Controller
Version: 1.5
July 31, 2003
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com