Electronic Components Datasheet Search
  English  ▼

X  

TCM320AC46CDWR Datasheet(PDF) 2 Page - Texas Instruments

Part # TCM320AC46CDWR
Description  GEBERAL-PURPOSE AUDIO INTERFACE FOR DSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM320AC46CDWR Datasheet(HTML) 2 Page - Texas Instruments

  TCM320AC46CDWR Datasheet HTML 1Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 2Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 3Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 4Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 5Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 6Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 7Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 8Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TCM320AC46
GENERALPURPOSE AUDIO INTERFACE FOR DSP
SLWS001 − D4091, JUNE 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
2
description (continued)
The receive section takes a frame of serial data on DIN and converts it to analog through an expanding
digital-to-analog converter (EXDAC) if the companded mode is selected; otherwise, a linear conversion is
performed. The analog signal then passes through switched-capacitor filters, which provide out-of-band
rejection, (sin x)/x correction functions, and smoothing. The filtered signal is sent to the earphone amplifier. The
earphone amplifier has a differential output with adjustable gain that is designed to minimize static power
dissipation.
A single on-chip, high-precision band-gap circuit generates all voltage references, eliminating the need for
external reference voltages.
The TCM320AC46 device is characterized for operation from 0
°C to 70°C.
functional block diagram
12
13
8
DIN
FSR
7
14
15
LINSEL
1
PDN
16
GND
5
VCC
10
4
3
2
EARMUTE
EARGS
EARB
EARA
Amplifier
Earphone
256 kHz
Reference
Voltage
Converter
D/A
Reference
Voltage
Converter
A/D
Reference
Voltage
Band-Gap
8 kHz
256 kHz
Generator
Clock
Autozero
DCLKR
CLK
TSX/DCLKX
Control
Clock
FSX
DOUT
Logic
Output
ADC
High Pass
First-Order
Transmit
Low Pass
Sixth-Order
Transmit
MICGS
20
17
19
18
6
VMID
MICBIAS
VMID
Generator
VMID
MICIN
MICMUTE
Buffer
Input
Antialias
Third-Order
Transmit
Buffer
Receive
Filter
Receive
DAC
Logic
Input
256 kHz
8 kHz
9
LINSEL
15
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com