Electronic Components Datasheet Search
  English  ▼

X  

TCM320AC46CDWR Datasheet(PDF) 4 Page - Texas Instruments

Part # TCM320AC46CDWR
Description  GEBERAL-PURPOSE AUDIO INTERFACE FOR DSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM320AC46CDWR Datasheet(HTML) 4 Page - Texas Instruments

  TCM320AC46CDWR Datasheet HTML 1Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 2Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 3Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 4Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 5Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 6Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 7Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 8Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TCM320AC46
GENERALPURPOSE AUDIO INTERFACE FOR DSP
SLWS001 − D4091, JUNE 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
4
general information
system reliability features
The device should be powered up and initialized as follows:
1.
GND is applied.
2.
VCC is applied.
3.
All clocks are connected.
4.
TTL high is applied to PDN.
5.
FSX and/or FSR synchronization pulses are applied.
Even though the device is heavily protected against latch-up, it is still possible to cause it to latch-up under
certain improper power conditions where excess current is forced into or out of one or more terminals. To assure
that latch-up will not occur, it is good design practice to put a reverse-biased Schottky diode between VCC (power
supply) and GND.
On the transmit channel, digital outputs DOUT and TSX are held in the high-impedance state for approximately
four frames (500
µs) after power up or application of VCC. After this delay, DOUT, TSX, and signaling are
functional and occur in the proper time slot. The analog circuits on the transmit side require approximately 60
ms to reach their equilibrium value due to the autozero circuit settling time. To further enhance system integrity,
DOUT and TSX are placed in the high-impedance state after an interruption of CLK.
power-down and standby operations
To minimize power consumption, a power-down mode and three standby modes are provided.
For power down, an external low signal is applied to PDN. In the absence of a signal, PDN is internally pulled
up to a high logic level and the device remains active. In the power-down mode, the average power consumption
is reduced to 3 mW.
The standby modes give the user the options of putting the entire device on standby, putting only the transmit
channel on standby, or putting only the receive channel on standby. To place the entire device on standby, both
FSX and FSR are held low. For transmit-only operation, FSX is pulsed and FSR is held low. For receive-only
operation, FSR is pulsed and FSX is held low. In the standby mode with both transmit and receive on standby,
power consumption is reduced to 8 mW. See Table 1 for power-down and standby procedures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com