Electronic Components Datasheet Search
  English  ▼

X  

TCM320AC46CDWR Datasheet(PDF) 7 Page - Texas Instruments

Part # TCM320AC46CDWR
Description  GEBERAL-PURPOSE AUDIO INTERFACE FOR DSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM320AC46CDWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCM320AC46CDWR Datasheet HTML 3Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 4Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 5Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 6Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 7Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 8Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 9Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 10Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TCM320AC46
GENERALPURPOSE AUDIO INTERFACE FOR DSP
SLWS001 − D4091, JUNE 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
7
encoding
The encoder internally samples the output of the transmit filter and holds each sample on an internal
sample-and-hold capacitor. The encoder performs an analog-to-digital conversion on a switched-capacitor
array. Digital data representing the sample is transmitted on the first eight or 16 data clock cycles of the next
frame.
The autozero circuit corrects for dc offset on the input signal to the encoder using the sign-bit averaging
technique. The sign bit from the encoder output is long-term averaged and subtracted from the input to the
encoder.
data word structure
The data word is eight bits long in the companded mode. All eight bits represent one audio data sample. The
sign bit is the first bit transmitted.
The data word is 16 bits long in the linear mode. The first 13 bits comprise the audio data sample, and the last
three bits are volume control in the receive direction (DIN) and zeros in the transmit direction (DOUT). The sign
bit is transmitted first.
receive operation
decoding
In the companded mode, the serial data word is received at DIN on the first eight clock cycles in fixed-data rate
and the last eight clock cycles in variable-data rate. The serial data word is received at DIN on the first 13 clock
cycles in the linear mode. Digital-to-analog conversion is performed, and the corresponding analog sample is
held on an internal sample-and-hold capacitor. This sample is transferred to the receive filter.
receive filter
The receive section of the filter provides pass-band flatness. The filter contains the required compensation for
the (sin x)/x response of such decoders.
receive buffer
The receive buffer contains the volume control.
earphone amplifier
The earphone amplifier has a balanced output to allow maximum flexibility in output configuration. The output
amplifier is designed to directly drive a piezo earphone in the differential configuration without any additional
external components. The output can also be used to drive a single-ended load with the output signal voltage
centered around VCC/2.
The receive-channel output level can be adjusted between specified limits by connecting an external resistor
network to EARGS.
receive data format
Eight bits of data are received in the companded mode and are valid. The sign bit is the first bit received (see
Table 2).
Sixteen bits of data are received in the linear mode. The first 13 bits are the D/A code, and the remaining three
bits form the volume control word (see Table 2). The volume control function is actually an attenuation control
where the first bit received is the most significant. The maximum volume occurs when all three volume control
bits are zero. Eight levels of attenuation are selectable in 3-dB steps, giving a maximum attenuation of 21 dB,
when all bits are 1s. The volume control bits are not latched into the device and must be present in each received
data word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com