Electronic Components Datasheet Search
  English  ▼

X  

TCM320AC46CDWR Datasheet(PDF) 13 Page - Texas Instruments

Part # TCM320AC46CDWR
Description  GEBERAL-PURPOSE AUDIO INTERFACE FOR DSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM320AC46CDWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TCM320AC46CDWR Datasheet HTML 9Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 10Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 11Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 12Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 13Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 14Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 15Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 16Page - Texas Instruments TCM320AC46CDWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TCM320AC46
GENERALPURPOSE AUDIO INTERFACE FOR DSP
SLWS001 − D4091, JUNE 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
13
power supply rejection and crosstalk attenuation over recommended ranges of supply voltage and operating
free-air temperature
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Supply voltage rejection ratio, transmit channel
Idle channel, supply signal = 100 mVrms,
f = 0 to 30 kHz (measured at DOUT)
−30
dB
Supply voltage rejection ratio, receive channel
Idle channel, supply signal = 100 mVrms,
EARGS connected to EARB,
f = 0 to 30 kHz (measured differentially between EARA
and EARB)
−30
dB
Crosstalk attenuation, transmit-to-receive
(differential)
MICIN = 0 dB, f = 1.02 kHz, unity transmit gain,
EARGS connected to EARB,
measured differentially between EARA and EARB
55
dB
Crosstalk attenuation, receive-to-transmit
DIN = 0 dBm0, f = 1.02 kHz, unity transmit
gain, measured at DOUT
55
dB
† All typical values are at VCC = 5 V, TA = 25°C.
clock timing requirements over recommended ranges of supply voltage and operating free-air temperature
(see Figures 2, 3, 4, and 5)
MIN
TYP†
MAX
UNIT
tt
Transition time, CLK and DCLK
10
ns
Duty cycle, CLK
45%
50%
55%
Duty cycle, DCLK
45%
50%
55%
† All typical values are at VCC = 5 V, TA = 25°C.
transmit timing requirements over recommended ranges of supply voltage and operating free-air
temperature, fixed-data-rate mode (see Figure 3)
MIN
MAX
UNIT
tsu(FSX)
Setup time, FSX
20
468
ns
th(FSX)
Hold time, FSX
20
468
ns
receive timing requirements over recommended ranges of supply voltage and operating free-air
temperature, fixed-data-rate mode (see Figure 2)
MIN
MAX
UNIT
tsu(FSR)
Setup time, FSR
20
468
ns
th(FSR)
Hold time, FSR
20
468
ns
tsu(DIN)
Setup time, DIN
20
ns
th(DIN)
Hold time, DIN
20
ns
transmit timing requirements over recommended ranges of supply voltage and operating free-air
temperature, variable-data-rate mode (see Figure 5)
MIN
MAX
UNIT
tsu(FSX)
Setup time, FSX
40
tc(DCLKX)−40
ns
th(FSX)
Hold time, FSX
35
tc(DCLKX)−35
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com