Electronic Components Datasheet Search
  English  ▼

X  

OPA211-HT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211-HT
Description  1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211-HT Datasheet(HTML) 2 Page - Texas Instruments

  OPA211-HT Datasheet HTML 1Page - Texas Instruments OPA211-HT Datasheet HTML 2Page - Texas Instruments OPA211-HT Datasheet HTML 3Page - Texas Instruments OPA211-HT Datasheet HTML 4Page - Texas Instruments OPA211-HT Datasheet HTML 5Page - Texas Instruments OPA211-HT Datasheet HTML 6Page - Texas Instruments OPA211-HT Datasheet HTML 7Page - Texas Instruments OPA211-HT Datasheet HTML 8Page - Texas Instruments OPA211-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
INPUTVOLTAGENOISEDENSITYvsFREQUENCY
0.1
100
1
Frequency(Hz)
100k
10
1
10
100
1k
10k
OPA211-HT
SBOS481B – JULY 2009 – REVISED APRIL 2012
www.ti.com
In precision data acquisition applications, the OPA211 series of op amps provides 700-ns settling time to 16-bit
accuracy throughout 10-V output swings. This ac performance, combined with only 125-
μV of offset and 0.35-
μV/°C of drift over temperature, makes the OPA211 ideal for driving high-precision 16-bit analog-to-digital
converters (ADCs) or buffering the output of high-resolution digital-to-analog converters (DACs).
The OPA211 series is specified over a wide dual-power supply range of ±2.25 V to ±18 V, or for single-supply
operation from 4.5 V to 36 V.
This series of op amps is specified from TA = –55°C to 210°C.
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
HKJ
OPA211SHKJ
OPA211SHKJ
–55°C to 210°C
HKQ
OPA211SHKQ
OPA211SHKQ
KGD
OPA211SKGD1
NA
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
2
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): OPA211-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com