Electronic Components Datasheet Search
  English  ▼

X  

OPA211-HT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211-HT
Description  1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211-HT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA211-HT Datasheet HTML 3Page - Texas Instruments OPA211-HT Datasheet HTML 4Page - Texas Instruments OPA211-HT Datasheet HTML 5Page - Texas Instruments OPA211-HT Datasheet HTML 6Page - Texas Instruments OPA211-HT Datasheet HTML 7Page - Texas Instruments OPA211-HT Datasheet HTML 8Page - Texas Instruments OPA211-HT Datasheet HTML 9Page - Texas Instruments OPA211-HT Datasheet HTML 10Page - Texas Instruments OPA211-HT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
OPA211-HT
www.ti.com
SBOS481B – JULY 2009 – REVISED APRIL 2012
ELECTRICAL CHARACTERISTICS: VS = ±2.25 V to ±18 V (continued)
BOLDFACE limits apply over the specified temperature range, TA = –55°C to 210°C.
At TA = 25°C, RL = 10 kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage Output
VOUT
RL = 10kΩ, AOL ≥ 114dB
(V–) + 0.2
(V+) – 0.2
V
RL = 600Ω, AOL ≥ 110dB
(V–) + 0.6
(V+) – 0.6
V
IO < 15mA, AOL ≥ 110dB
(V–) + 0.6
(V+) – 0.6
V
Short-Circuit Current
ISC
+30/–45
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
pF
Open-Loop Output Impedance
ZO
f = 1MHz
5
Ω
SHUTDOWN
Shutdown Pin Input Voltage
(1)
Device disabled (shutdown)
(V+) – 0.35
V
Device enabled
(V+) – 3
V
Shutdown Pin Leakage Current
1
μA
Turn-On Time
(2)
2
μs
Turn-Off Time
(2)
3
μs
Shutdown Current
Shutdown (disabled)
1
20
μA
POWER SUPPLY
Specified Voltage
VS
±2.25
±18
V
Quiescent Current
IQ
IOUT = 0A
3.6
4.5
mA
(per channel)
Over Temperature
6
mA
TEMPERATURE RANGE
Specified Range
TA
–40
125
°C
Operating Range
TA
–55
150
°C
(1)
When disabled, the output assumes a high-impedance state.
(2)
See Typical Characteristic curves, Figure 39 through Figure 41.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA211-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com