Electronic Components Datasheet Search
  English  ▼

X  

OPA211-HT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211-HT
Description  1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211-HT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA211-HT Datasheet HTML 4Page - Texas Instruments OPA211-HT Datasheet HTML 5Page - Texas Instruments OPA211-HT Datasheet HTML 6Page - Texas Instruments OPA211-HT Datasheet HTML 7Page - Texas Instruments OPA211-HT Datasheet HTML 8Page - Texas Instruments OPA211-HT Datasheet HTML 9Page - Texas Instruments OPA211-HT Datasheet HTML 10Page - Texas Instruments OPA211-HT Datasheet HTML 11Page - Texas Instruments OPA211-HT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
0.1
100
10
1
Frequency(Hz)
100k
10
1
100
1k
10k
0.1
100
1
Frequency(Hz)
100k
10
1
10
100
1k
10k
0.01
0.1
0.000001
OutputVoltageAmplitude(V
)
RMS
100
0.00001
0.1
1
10
0.0001
0.001
0.01
V = 15V
R =600
1kHzSignal
S
L
±
W
-60
-160
-140
-120
-100
-80
G=1
G=11
G= 1
-
10
0.001
0.00001
Frequency(Hz)
20k
0.0001
100
1k
10k
V = 15V
R =600
±
W
S
L
G=1
G= 1
-
V
=3V
OUT
RMS
V
=3V
OUT
RMS
-100
-140
-120
G=11
V
=3V
OUT
RMS
Time(1s/div)
OPA211-HT
SBOS481B – JULY 2009 – REVISED APRIL 2012
www.ti.com
TYPICAL CHARACTERISTICS
At TA = 25°C, VS = ±18 V, and RL = 10 kΩ, unless otherwise noted.
INPUT VOLTAGE NOISE DENSITY
INPUT CURRENT NOISE DENSITY
vs FREQUENCY
vs FREQUENCY
Figure 1.
Figure 2.
THD+N RATIO vs FREQUENCY
THD+N RATIO vs OUTPUT VOLTAGE AMPLITUDE
Figure 3.
Figure 4.
0.1-Hz TO 10-Hz NOISE
Figure 5.
8
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): OPA211-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com