Electronic Components Datasheet Search
  English  ▼

X  

OPA211-HT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211-HT
Description  1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211-HT Datasheet(HTML) 3 Page - Texas Instruments

  OPA211-HT Datasheet HTML 1Page - Texas Instruments OPA211-HT Datasheet HTML 2Page - Texas Instruments OPA211-HT Datasheet HTML 3Page - Texas Instruments OPA211-HT Datasheet HTML 4Page - Texas Instruments OPA211-HT Datasheet HTML 5Page - Texas Instruments OPA211-HT Datasheet HTML 6Page - Texas Instruments OPA211-HT Datasheet HTML 7Page - Texas Instruments OPA211-HT Datasheet HTML 8Page - Texas Instruments OPA211-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
a
b
c
d
Origin
OPA211-HT
www.ti.com
SBOS481B – JULY 2009 – REVISED APRIL 2012
BARE DIE INFORMATION
BACKSIDE
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
15 mils.
Silicon with backgrind
V-
Al-Si-Cu (0.5%)
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA211-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com