Electronic Components Datasheet Search
  English  ▼

X  

MCP79510 Datasheet(PDF) 28 Page - Micro Analog systems

Part # MCP79510
Description  3V SPI Real-Time Clock Calendar with Battery Switchover
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP79510 Datasheet(HTML) 28 Page - Micro Analog systems

Back Button MCP79510 Datasheet HTML 24Page - Micro Analog systems MCP79510 Datasheet HTML 25Page - Micro Analog systems MCP79510 Datasheet HTML 26Page - Micro Analog systems MCP79510 Datasheet HTML 27Page - Micro Analog systems MCP79510 Datasheet HTML 28Page - Micro Analog systems MCP79510 Datasheet HTML 29Page - Micro Analog systems MCP79510 Datasheet HTML 30Page - Micro Analog systems MCP79510 Datasheet HTML 31Page - Micro Analog systems MCP79510 Datasheet HTML 32Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
MCP7952X/MCP7951X
DS22300A-page 28
Preliminary
 2012 Microchip Technology Inc.
9.1.2
MULTIFUNCTION PIN (MFP)
Pin 9 is a multifunction pin and supports the following
functions:
• The value of the OUT bit determines the logic.
• Level of the I/O. This is only available when
operating from VCC.
• Alarm Outputs – Available in VBAT mode
•FOUT mode – Driven from a FOSC divider – Not
available in VBAT mode.
The internal control logic for the MFP is connected to
the switched internal supply bus. This allows operation
in VBAT mode. The Alarm Output is the only mode that
operates in VBAT mode, other modes are suspended.
9.1.3
VBAT SWITCHOVER
If the VBAT feature is not used, the VBAT pin should be
connected to GND. A low value series resistor and
Schottky diode are recommended between the
external battery and the VBAT pin to reduce inrush
current and also to prevent any leakage current
reaching the external VBAT source.
The VTRIP point is defined as 1.5V typical. When VDD
falls below 1.5V the system will continue to operate
the RTCC and SRAM using the VBAT supply. There is
~50mV hyst in the trip point changeover. The following
conditions apply:
For more information on VBAT conditions see the RTCC
Best Practices Application Note, AN1365 (DS01365).
9.1.4
UNIQUE ID LOCATIONS
When the unique ID locations are preprogrammed from
the factory with either an EUI-48 or EUI-64, the EUI
code is programmed into location 0x00-0x07. Loca-
tions 0x08-0x0F are blank (0x0F).
To read the unique ID location the IDREAD command
is given with the starting address. Valid addresses are
0x00 through 0x0F. All 16 bytes can be read out in a
single command by clocking the device. Trying to
access locations past 0x0F will result in the address
wrapping within these 16 bytes.
FIGURE 9-2:
IDREAD COMMAND SEQUENCE
To write to the unique ID locations, the IDWRITE com-
mand is used. The device must be write enabled and
the correct unlock sequence must have been per-
formed. See Section 10.1.4, Write to the Unlock
Register for more details.
The ID locations can be written to using the IDWRITE
command. The valid address is between 0x00 and
0x0F. The entire 16 bytes must be written in two
groups of 8 bytes. A maximum of 8 bytes can be
written at once.
TABLE 9-1:
VBAT CHANGOVER
CONDITIONS
Supply
Condition
Read/Write
Access
Powered
By
VCC < VTRIP, VCC < VBAT
No
VBAT
VCC > VTRIP, VCC < VBAT
Yes
VCC
VCC > VTRIP, VCC > VBAT
Yes
VCC
Note:
For EUI-64, the data is located in address
0x00-0x07. For EUI-48 locations, 0x02-
0x07 contain the data. 0x00/01 contain
0xFF.
SO
SI
SCK
CS
0
23456789 10 11 12 13 14 15 16 17 18 19 20 21 22
1
01
0
1
1
0
01
0
0
0
0
10
76543210
Instruction
Address Byte
Data Out
High-Impedance
23
32
Don’t Care
Address range is 0x00-0x0F, address counter will wrap within this range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com