Electronic Components Datasheet Search
  English  ▼

X  

MCP79510 Datasheet(PDF) 37 Page - Micro Analog systems

Part # MCP79510
Description  3V SPI Real-Time Clock Calendar with Battery Switchover
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP79510 Datasheet(HTML) 37 Page - Micro Analog systems

Back Button MCP79510 Datasheet HTML 33Page - Micro Analog systems MCP79510 Datasheet HTML 34Page - Micro Analog systems MCP79510 Datasheet HTML 35Page - Micro Analog systems MCP79510 Datasheet HTML 36Page - Micro Analog systems MCP79510 Datasheet HTML 37Page - Micro Analog systems MCP79510 Datasheet HTML 38Page - Micro Analog systems MCP79510 Datasheet HTML 39Page - Micro Analog systems MCP79510 Datasheet HTML 40Page - Micro Analog systems MCP79510 Datasheet HTML 41Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS22300A-page 37
MCP7952X/MCP7951X
11.0 PACKAGING INFORMATION
11.1
Package Marking Information
Part Number
1st Line Marking Codes
MSOP
TDFN
MCP79520
79520I
520I
MCP79510
79510I
510I
MCP79521
79521I
521I
MCP79511
79511I
511I
MCP79522
79522I
522I
MCP79512
79512I
512I
Note:
T = Temperature grade
NN = Alphanumeric traceability code
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
10-Lead MSOP (3x3 mm)
Example
10-Lead TDFN
Example
XXXX
YYW W
NNN
PIN 1
79520I
210ABC
XXXX
YYW W
NNN
PIN 1
520I
1135
abc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com