Electronic Components Datasheet Search
  English  ▼

X  

MCP79510 Datasheet(PDF) 47 Page - Micro Analog systems

Part # MCP79510
Description  3V SPI Real-Time Clock Calendar with Battery Switchover
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP79510 Datasheet(HTML) 47 Page - Micro Analog systems

Back Button MCP79510 Datasheet HTML 42Page - Micro Analog systems MCP79510 Datasheet HTML 43Page - Micro Analog systems MCP79510 Datasheet HTML 44Page - Micro Analog systems MCP79510 Datasheet HTML 45Page - Micro Analog systems MCP79510 Datasheet HTML 46Page - Micro Analog systems MCP79510 Datasheet HTML 47Page - Micro Analog systems MCP79510 Datasheet HTML 48Page - Micro Analog systems MCP79510 Datasheet HTML 49Page - Micro Analog systems MCP79510 Datasheet HTML 50Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS22300A-page 47
MCP7952XX/MCP7951XX
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Not every possible ordering
combination is listed below
.
MCP795
I
/XX
Package
Temp
Range
Base Part
Base Part No.:
MCP795 = SPI RTCC
Memory:
1
= 1 Kbit EE, 64 Bytes SRAM
2
= 2 Kbits EE, 64 Bytes SRAM
ID/MAC Address:
0= Blank
1
= EUI-48™ MAC Address
2
= EUI-64™ MAC Address
T/R:
Blank = Tube
T
= Tape and Reel
Temperature
Range:
I=
-40
C to +85C
Package:
MS = 10-Pin MSOP
MN = 10-Pin TDFN
Examples:
a)
MCP79510-I/MS: 1K EEPROM, Blank ID,
Industrial Temperature, MSOP Package
b)
MCP79512-I/MS: 1K EEPROM, EUI-64™,
Industrial Temperature, MSOP Package
c)
MCP79511T-I/MN: 1K EEPROM, EUI-48™,
Industrial Temperature, Tape and Reel, TDFN
Package
d)
MCP79520-I/MS: 2K EEPROM, Blank ID,
Industrial Temperature, MSOP Package
e)
MCP79522-I/MS: 2K EEPROM, EUI-64™,
Industrial Temperature, MSOP Package
f)
MCP79521T-I/MN: 2K EEPROM, EUI-48™,
Industrial Temperature, Tape and Reel, TDFN
Package
1
Memory
0
Unique
T
T/R
ID
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com