Electronic Components Datasheet Search
  English  ▼

X  

MCP79510 Datasheet(PDF) 30 Page - Micro Analog systems

Part # MCP79510
Description  3V SPI Real-Time Clock Calendar with Battery Switchover
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP79510 Datasheet(HTML) 30 Page - Micro Analog systems

Back Button MCP79510 Datasheet HTML 26Page - Micro Analog systems MCP79510 Datasheet HTML 27Page - Micro Analog systems MCP79510 Datasheet HTML 28Page - Micro Analog systems MCP79510 Datasheet HTML 29Page - Micro Analog systems MCP79510 Datasheet HTML 30Page - Micro Analog systems MCP79510 Datasheet HTML 31Page - Micro Analog systems MCP79510 Datasheet HTML 32Page - Micro Analog systems MCP79510 Datasheet HTML 33Page - Micro Analog systems MCP79510 Datasheet HTML 34Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
MCP7952X/MCP7951X
DS22300A-page 30
Preliminary
 2012 Microchip Technology Inc.
9.1.5
POWER-FAIL TIME-STAMP
The MCP795XX family of RTCC devices feature a
power-fail time-stamp feature. This feature will save the
time at which VCC crosses the VTRIP voltage and is
shown in Figure 9-4. To use this feature, a VBAT supply
must be present and the oscillator must also be run-
ning. There are two separate sets of registers that are
used to record this information:
• The first set located at 0x18h through 0x1Bh are
loaded at the time when VCC falls below VTRIP
and the RTCC operates on the VBAT. The VBAT
(register 0x03h bit 4) bit is also set at this time.
• The second set of registers, located at 0x1Ch
through 0x1Fh, are loaded at the time when VCC
is restored and the RTCC switches to VCC.
The power-fail time-stamp registers are cleared when
the VBAT bit is cleared in software.
FIGURE 9-4:
POWER-FAIL GRAPH
9.1.6
READ STATUS REGISTER
(SRREAD)
The Read Status Register (SRREAD) instruction pro-
vides access to the STATUS register. The STATUS
register may be read at any time, even during a write
cycle. The STATUS register is formatted as follows:
*
The Write-In-Process (WIP) bit indicates whether the
MCP795XX is busy with a nonvolatile memory write
operation. When set to a ‘1’, a write is in progress,
when set to a ‘0’, no write is in progress. This bit is
read-only.
The Write Enable Latch (WEL) bit indicates the sta-
tus of the write enable latch. When set to a ‘1’, the
latch allows writes to the nonvolatile memory, when
set to a ‘0’, the latch prohibits writes to the nonvolatile
memory. The state of this bit can always be updated
via the WREN or WRDI commands, regardless of the
state of write protection on the STATUS register. This
bit is read-only.
The Block Protection (BP0 and BP1) bits indicate
which blocks are currently write-protected. These bits
are set by the user issuing the WRSR instruction. These
bits are nonvolatile.
See Figure 9-5 for the RDSR timing sequence.
Note:
It is strongly recommended that the time-
saver function only be used when the
oscillator is running. This will ensure accu-
rate functionality.
VCC
VTRIP(max)
VTRIP(min)
Power-Down
Time-Stamp
Power-Up
Time-Stamp
7
654
3
2
1
0
—
——— R/W
R/W
R
R
X
XXX
BP1
BP0
WEL
WIP
Note:
Once a Write Status Register is initiated
and a Read Status Register is attempted
the new values for the nonvolatile bits will
be read regardless of whether the values
have been actually programmed into the
device. (i.e., The values are moved to the
latches prior to the write operation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com