Electronic Components Datasheet Search
  English  ▼

X  

TNETX15VE Datasheet(PDF) 88 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 88 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 84Page - Texas Instruments TNETX15VE Datasheet HTML 85Page - Texas Instruments TNETX15VE Datasheet HTML 86Page - Texas Instruments TNETX15VE Datasheet HTML 87Page - Texas Instruments TNETX15VE Datasheet HTML 88Page - Texas Instruments TNETX15VE Datasheet HTML 89Page - Texas Instruments TNETX15VE Datasheet HTML 90Page - Texas Instruments TNETX15VE Datasheet HTML 91Page - Texas Instruments TNETX15VE Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
88
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
DEL logic operation (management address deletions)
DIO ADDRESS
0x2C
BYTE 3
BYTE 2
BYTE 1
BYTE 0
0x48
0x4C
Delnode7–Delnode0
Adddelcontrol
Delnode23–Delnode16
Delnode31–Delnode24
Delnode39–Delnode32
Delnode47–Delnode40
DelVLANID
Delnode15–Delnode8
Delport
The DEL logic operation is controlled through the delnode, delVLANID, and delport registers and the
adddelcontrol register. Management delete commands are given through the DEL, DELP, and DELV bits in the
adddelcontrol register.
The steps for deleting any specific address are as follows (multicast and secured unicast can only be deleted
this way):
Writing the node address in the delnode register and the node’s VLAN in delVLANID
Asserting the DEL bit in adddelcontrol
The TNETX15VE also can delete all addresses on a port. The steps for deleting all addresses on a port are:
Writing the port in delport. Delnode and delVLANID are don’t cares and are ignored.
Asserting the DELP bit in adddelcontrol
As in FIND, only unicast addresses are associated with a port; only unicast unsecured addresses are deleted
with a DELP command. Another multiple-delete command is used when a deletion by VLAN is desired. The
TNETX15VE has the capability to delete all unsecured, unicast addresses on a particular VLAN. The steps for
this command are:
Writing the VLAN to be deleted in delVLANID. Delnode and delport are don’t cares and are ignored.
Asserting the DELV bit in adddelcontrol
The DEL logic operation locks the delnode and delVLANID registers on all delete commands to ensure that they
do not change during the deletions. Reads to these registers are still possible. The DEL, DELP, AND DELV bits
in adddelcontrol remain in the 1 state until the deletion is complete. If DELP and DELV are both set, both the
delport and delVLANID fields are active. Unsecured unicast addresses meeting both conditions are deleted.
Much like the management adds, having a sticky bit for DEL gives the programmer the opportunity to set up
or perform other register operations without having to wait for the delete completion. A polling method is used
to find out if the delete is finished. This involves reading adddelcontrol to determine if the command bit used
has returned to 0.
interrupts
The TNETX15VE implements interrupts to ease the management processor’s tasks. The interrupts are used
to indicate changes to the lookup table. It indicates that a new address is added, an address changed ports,
an address changed ports and is secure, and an address is deleted due to the aging process. It also indicates
that a FIND operation is completed, the RX NBLCK has data (not empty), the statistic registers are half full (and
the possibility for an overflow is present) and the lookup table is full. The TNETX15VE indicates that interrupts
to the CPU exist by setting to 1 its level-sensitive EINT terminal. The EINT terminal is asserted when any of the
possible interrupt conditions are met.
The interrupt register is readable at all times and contains all the current TNETX15VE interrupts. The interrupt
register is byte clearable. That is, the interrupt bits in a byte are cleared when that byte is read, regardless of
whether or not it is currently masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com