Electronic Components Datasheet Search
  English  ▼

X  

AAC243 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AAC243
Description  Current Mode PWM Contoller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AAC243 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AAC243 Datasheet HTML 1Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 2Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 3Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 4Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 5Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 6Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 7Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Power Management AAC242/243
© Copyright 2010- ASIC Advantage, Inc. – AADS00012 / R127B
-
Preliminary
-
October 2010
3 / 8
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, T=25C, Vcc=15V, RT = 10KΩ, CT = 3300pF.
PARAMETER
PARAMETERS
UNITS
CONDITIONS
MIN.
TYP.
MAX.
REFERENCE SECTION
Output Voltage
4.95
5.00
5.05
V
Line Regulation
6
15
mV
12V<Vcc<25V
Load Regulation
3
25
mV
Temperature Stability
0.2
mV/°C
0C to 130C
Total Output Variation
4.9
5.1
V
Line, Load, and Temperature
Long Term Stability
5
mV
Ta=125°C for 1000 hours
Output Short Circuit Current
-30
-50
-60
mA
OSCILLATOR SECTION
Frequency Initial Accuracy
47
52
57
KHz
Ta=25°C
Frequency Change with Voltage
0.2
1
%
12<Vcc<25V
Frequency Change with Temp.
1
%
Tlow<Ta<Thigh
Oscillator Voltage Swing
1.65
Vpp
ERROR AMPLIFIER SECTION
Voltage Feedback Input
2.45
2.5
2.55
V
Vout=2.5V
Input Bias Current
-1
µA
Open Loop Voltage Gain
90
dB
Unity Gain Bandwidth
10
MHz
Tj=25°C
Power Supply Rejection Ratio
70
dB
12V<Vcc<25V
Output Current Sink
12
mA
Output Current Source
-1
mA
Output Voltage Swing High
6
V
Output Voltage Swing Low
0.8
V
PULSE WIDTH MODULATION SECTION
Maximum Duty Cycle
97
%
Minimum Duty Cycle
0.4
%
Before drop out
CURRENT SENSE SECTION
Voltage Gain
11.4
12.0
12.6
V
Maximum Input Signal
242
250
258
mV
Power Supply Rejection Ratio
70
dB
Input Bias Current
-10
µA
Time Delay to Output
300
nS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com