Electronic Components Datasheet Search
  English  ▼

X  

AAC243 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AAC243
Description  Current Mode PWM Contoller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AAC243 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AAC243 Datasheet HTML 1Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 2Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 3Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 4Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 5Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 6Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 7Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Power Management AAC242/243
© Copyright 2010- ASIC Advantage, Inc. – AADS00012 / R127B
-
Preliminary
-
October 2010
5 / 8
Peak current is set by the internal comparator with a fixed limit of 0.250V. Raising the current sense pin (3) to
0.250V or higher will cause a termination of the output pulse regardless of the error amplifier output. The peak
current is normally determined when the current sense pin exceeds the error amplifier conditioned output. Peak
current is determined by the formula:
ISENSE(PK) = 0.250V/RS
In some cases where leading edge switching transients exceed the 100ns blanking, a small RC filter will be required.
Dead/delay time verses Ct
Ct Capacitance in nF
Oscillator Frequency as a function of Rt and Ct
Oscillator frequency in KHz
RC filter
8
1
2
3
4
5
6
7
Vref
COMP
FB
Isense
R/C
GND
OUT
Vcc
R
C
Rsense



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com