Electronic Components Datasheet Search
  English  ▼

X  

AAC243 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AAC243
Description  Current Mode PWM Contoller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AAC243 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AAC243 Datasheet HTML 1Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 2Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 3Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 4Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 5Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 6Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 7Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Power Management AAC242/243
© Copyright 2010- ASIC Advantage, Inc. – AADS00012 / R127B
-
Preliminary
-
October 2010
4 / 8
PARAMETER
PARAMETERS
UNITS
CONDITIONS
MIN.
TYP.
MAX.
OUTPUT SECTION
Voltage Out Low
0.4
V
Isink = 20mA
Voltage Out Low
2.2
V
Isink = 200mA
Voltage Out High
13.5
14
V
Isink = 20mA
Voltage Out High
12.5
13.5
V
Isink = 200mA
Voltage Out UVLO
1.1
V
Vcc=6V, Isink = 1mA
Voltage Output Rise Time
30
50
ns
CL=1000pF
Voltage Output Fall Time
30
50
ns
CL=1000pF
Current Output Source Peak
1.2
A
Current Output Sink Peak
0.7
A
UNDER-VOLTAGE LOCKOUT SECTION
Voltage Start Threshold (142)
15
16
17
V
Voltage Start Threshold (143)
7.8
8.4
9
V
Voltage Turnoff Threshold (142)
9
10
11
V
Voltage Turnoff Threshold (143)
7
7.6
8.2
V
Zener Clamp Voltage
30
34
V
Icc≤25mA
TOTAL DEVICE SECTION
Start-up Supply Current
0.4
0.6
mA
Operating Supply Current
11
mA
The improved switching performance increases the high peak current associated with internal and external
capacitances and will require careful grounding and PCB trace routing. Bypass and timing capacitors should be of
high quality and located carefully with short traces. The reference capacitor must be located very close to the IC
with minimum trace lengths. A single point ground should be located at pin 5 ground. The use of a good ground
plane is recommended. Under certain conditions of high peak currents it may be advisable to isolate the Vref pin
from the bypass capacitor with a resistor to prevent interaction of the high current with the internal oscillator
operation.
Charge and discharge times are given by the following formulas:
TC=0.55RtCt
TD=RtCtLn[(0.0063Rt-2.7)/(0.0063Rt-4)]
Frequency =( TC+ TD)
-1
Oscillator simplified circuit.
Rt
8
1
2
3
4
5
6
7
Vref
COMP
FB
Isense
R/C
GND
OUT
Vcc
Ct



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com