Electronic Components Datasheet Search
  English  ▼

X  

AAC243 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AAC243
Description  Current Mode PWM Contoller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AAC243 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AAC243 Datasheet HTML 1Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 2Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 3Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 4Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 5Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 6Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 7Page - List of Unclassifed Manufacturers AAC243 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Power Management AAC242/243
© Copyright 2010- ASIC Advantage, Inc. – AADS00012 / R127B
-
Preliminary
-
October 2010
1 / 8
AAC242/243
PRELIMINARY DATA
Current Mode PWM Contoller
DESCRIPTION
The AAC242 and AAC243 are part of AAI’s new
family of specialty products for Power Management
applications. The AAC242 and AAC243 are high
performance integrated circuits designed for Off-line
or DC to DC converters using peak current mode
control. The AAC24X has a current sense of 250mV
in comparison to 1V for AAC14X parts.
In offline AC designs the startup is improved by the
low start-up current of the family.
The integrated
soft-start function adds to the easy of using the
AAC24X parts in offline applications.
The AAC242 and AAC243 are identical except for the
Under Voltage Lockout. The AAC242 has UVLOon
threshold of 16V and off of 10V making it easy to use
in offline supplies where startup requirements for
energy storage is necessary. For applications using
lower supply voltages the AAC243 has UVLOon of
8.4V and UVLOoff of 7.6V.
The AAC24X family is offered in DIP and SMD
packages. The packages are industry standards and
are ROHS compliant.
Extended temperature is
standard with the AAC24X family.
The greater than 1A output driver is ideal for driving
MOSFETs and low power IGBTs. Rise and fall times
are typically less that 30ns with a 1000pF load. The
improvements
in
switching
speed
can
provide
improvements
in
efficiency,
higher
operating
frequency and over current protection.
The AAC24X family has a minimum pulse width of
0.4% allowing operation at very low power without
pulse skipping or erratic operation.
The narrower
pulse width capibilities enhances operation at higher
frequencies and voltages.
FEATURES
• Low Start-up current
• Pulse by pulse current limiting
• On board voltage reference
• Under Voltage Lockout with hysteresis
• Simple oscillator circuit
• Over Voltage protection zener
• High current output driver
• Less than 30ns rise and fall times
• Operation to over 1MHz
• Peak Current Mode control
• Integrated Soft-Start Function (~330 Clock
Cycles)
• 100ns leading edge current blanking for reduced
filtering
• 250mV current sense
PIN CONFIGURATION: 8-Lead DIP and SOIC8
View of the AAC24X shown from the top.
VFB
8
GND
4
1
ISENSE
COMP
5
VREF
Rt/Ct
AAC242
AAC243
VCC
OUT


Similar Part No. - AAC243

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAC20 ETC2-AAC20 Datasheet
233Kb / 6P
R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
AAC20 ETC2-AAC20 Datasheet
233Kb / 6P
Positive resin, blue coloured bleue, without marbling
AAC22FSLN ETC2-AAC22FSLN Datasheet
583Kb / 2P
DUAL-EDGE .100 PITCH CONNECTOR
More results

Similar Description - AAC243

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC3843 AIC-AIC3843 Datasheet
189Kb / 11P
Current-Mode PWM Controller
logo
List of Unclassifed Man...
B3843 ETC-B3843 Datasheet
434Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC2842AQ TI-UC2842AQ Datasheet
591Kb / 15P
CURRENT-MODE PWM CONTROLLER
logo
ADDtek Corp
AMC3842B ADDTEK-AMC3842B Datasheet
216Kb / 11P
CURRENT MODE PWM CONTROLLER
OCTOBER 2006
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Texas Instruments
UC1846J883B TI1-UC1846J883B Datasheet
3Mb / 15P
Current Mode PWM Controller
UC1846 TI1-UC1846_13 Datasheet
3Mb / 13P
Current Mode PWM Controller
UC1843-DIE TI-UC1843-DIE Datasheet
54Kb / 4P
CURRENT MODE PWM CONTROLLER
UC1845AL TI-UC1845AL Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC2845P TI-UC2845P Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com