Electronic Components Datasheet Search
  English  ▼

X  

TMP20 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP20
Description  짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP20 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP20 Datasheet HTML 3Page - Texas Instruments TMP20 Datasheet HTML 4Page - Texas Instruments TMP20 Datasheet HTML 5Page - Texas Instruments TMP20 Datasheet HTML 6Page - Texas Instruments TMP20 Datasheet HTML 7Page - Texas Instruments TMP20 Datasheet HTML 8Page - Texas Instruments TMP20 Datasheet HTML 9Page - Texas Instruments TMP20 Datasheet HTML 10Page - Texas Instruments TMP20 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
2.19262
10 +(1.8639
V )
3.88
10
-
O
´
´
6
-6
T= 1481.96+
-
TMP20
www.ti.com
SBOS466 – DECEMBER 2009
APPLICATION INFORMATION
Linear transfer functions can be calculated for limited
OVERVIEW
temperature ranges by calculating the slope and
offset for that limited range, where slope is calculated
The TMP20 is a precision analog output temperature
by:
sensor. The temperature range of operation is –55°C
to +130°C with supply voltages of 2.7V to 5.5V. The
m = –7.76 x 10–6 x T – 0.0115
TMP20 can operate from power-supply voltages as
low as 1.8V over a temperature range of +15°C to
with T equal to the temperature at the middle of the
+130°C.
temperature range of interest.
Power-supply bypassing is recommended; use a
The offset in the linear transfer function is found by:
100nF capacitor placed as closely as possible to the
b = [VOUT(TMAX) + VOUT(T) – m x (TMAX + T)]/2
supply pin.
where VOUT(TMAX) is the calculated output voltage at
TRANSFER FUNCTION
TMAX as determined from the parabolic transfer
function.
The analog output of the TMP20 over the –55°C to
+130°C
temperature
range
corresponds
to
the
VOUT(T) is then the calculated output voltage at T as
parabolic transfer function:
determined by using the parabolic transfer function.
VOUT = (–3.88 × 10
–6 × T2) + (–1.15 × 10–2 × T) +
Example 1
1.8639V
Determine the linear transfer function for –40°C to
Where the temperature T is in °C.
+110°C.
When solved for temperature, the equation is:
TMIN = –40°C; TMAX = +110°C; therefore, T = +35°C
m = –11.77mV/°C
VOUT (110°C) = 0.5520V
VOUT (35°C) = 1.4566V
These equations apply over the entire operating
range, –55°C to +130°C.
b = 1.8576V
A simplified linear transfer function for near +25°C
Therefore, the linear transfer function for –40°C to
measurement is:
+110°C is:
VOUT = –11.69mV/°C x T + 1.8663V.
VOUT = –11.77mV/°C x T + 1.8576V
space
Table 1 shows many common temperature ranges of
interest
and
the
corresponding
linear
transfer
space
functions for these ranges. Note that the error
(maximum deviation) of the linear equation from the
space
parabolic equation increases as the temperature
ranges widen.
Table 1. Common Temperature Ranges and Corresponding Linear Transfer Functions
Temperature Range
Maximum Deviation of Linear Equation
Linear Equation
from Parabolic Equation
TMIN (°C)
TMAX (°C)
(V)
(°C)
–55
+130
VOUT = –11.79mV/°C x T + 1.8528
±1.41
–40
+110
VOUT = –11.77mV/°C x T + 1.8577
±0.93
–30
+100
VOUT = –11.77mV/°C x T + 1.8605
±0.70
–40
+85
VOUT = –11.67mV/°C x T + 1.8583
±0.65
–10
+65
VOUT = –11.71mV/°C x T + 1.8641
±0.23
+35
+45
VOUT = –11.81mV/°C x T + 1.8701
±0.004
+20
+30
VOUT = –11.69mV/°C x T + 1.8663
±0.004
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TMP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com