Electronic Components Datasheet Search
  English  ▼

X  

TMP20 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP20
Description  짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP20 Datasheet(HTML) 1 Page - Texas Instruments

  TMP20 Datasheet HTML 1Page - Texas Instruments TMP20 Datasheet HTML 2Page - Texas Instruments TMP20 Datasheet HTML 3Page - Texas Instruments TMP20 Datasheet HTML 4Page - Texas Instruments TMP20 Datasheet HTML 5Page - Texas Instruments TMP20 Datasheet HTML 6Page - Texas Instruments TMP20 Datasheet HTML 7Page - Texas Instruments TMP20 Datasheet HTML 8Page - Texas Instruments TMP20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DRLPACKAGE
SOT563-6
(TOPVIEW)
1
2
3
6
5
4
GND
NC
V+
NC
GND
V
OUT
1
2
3
5
4
GND
V+
NC
GND
V
OUT
DCKPACKAGE
SC70-5
(TOPVIEW)
TMP20
www.ti.com
SBOS466 – DECEMBER 2009
±2.5°C Low-Power, Analog Out
TEMPERATURE SENSOR
Check for Samples: TMP20
1
FEATURES
DESCRIPTION
2
•
±2.5°C ACCURACY FROM –55°C to +130°C
The TMP20 is a CMOS, precision analog output
temperature sensor available in the tiny SOT563
•
SUPPLY VOLTAGE RANGE: 1.8V to 5.5V
package. The TMP20 operates from –55°C to +130°C
•
LOW POWER: 4
μA (max)
on a supply voltage of 2.7V to 5.5V with a supply
•
MicroSIZE PACKAGES: SOT563, SC70-5
current of 4
μA. Operation as low as 1.8V is possible
•
SC70 PIN-COMPATIBLE WITH LM20
for temperatures between +15°C and +130°C. The
linear transfer function has a slope of –11.77mV/°C
(typ) and has an output voltage of 1.8639V (typ) at
APPLICATIONS
0°C. The TMP20 has a ±2.5°C accuracy across the
•
CELL PHONES
entire specified temperature range of –55°C to
•
DESKTOP AND NOTEBOOK COMPUTERS
+130°C.
•
PORTABLE DEVICES
The
TMP20
4
μA
(max)
supply
current
limits
•
CONSUMER ELECTRONICS
self-heating of the device to less than 0.01°C. When
•
BATTERY MANAGEMENT
V+ is less than 0.5V, the device is in shutdown mode
•
POWER SUPPLIES
and consumes less than 20nA (typ).
•
HVAC
The TMP20 is available in either a 5-lead SC70 or
•
THERMAL MONITORING
6-lead SOT563 package, reducing the overall board
space required.
•
DISK DRIVES
•
APPLIANCES/WHITE GOODS
•
AUTOMOTIVE
Note:
NC or no-connect pin must be grounded or left floating. Pin 2 on the DRL package has no internal connection; pin 2
on the DCK package is connected to the die substrate. See Layout Information for more information about optimizing
the connection of pin 2 on the DCK package for thermal and electrical performance.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP20 TI2-TMP20 Datasheet
915Kb / 28P
TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor
REVISED DECEMBER 2018
TMP20AIDCKR TI2-TMP20AIDCKR Datasheet
915Kb / 28P
TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor
REVISED DECEMBER 2018
TMP20AIDCKR.A TI2-TMP20AIDCKR.A Datasheet
915Kb / 28P
TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor
REVISED DECEMBER 2018
TMP20AIDCKT TI2-TMP20AIDCKT Datasheet
915Kb / 28P
TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor
REVISED DECEMBER 2018
TMP20AIDRLR TI2-TMP20AIDRLR Datasheet
915Kb / 28P
TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor
REVISED DECEMBER 2018
More results

Similar Description - TMP20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM20 FAIRCHILD-FM20 Datasheet
357Kb / 9P
Ultra-Low-Power Analog Temperature Sensor
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605 Datasheet
130Kb / 5P
Low-Power Analog Temperature Sensor in SC70 Package
Rev 0; 10/00
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
logo
Texas Instruments
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP20 TI-TMP20_15 Datasheet
1Mb / 19P
짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
TMP9A00-EP TI-TMP9A00-EP Datasheet
1Mb / 21P
TMP9A00-EP 짹2.5 째C Low-Power, Analog Out Temperature Sensor
TMP9A00-EP TI-TMP9A00-EP_V01 Datasheet
1Mb / 23P
TMP9A00-EP ±2.5 °C Low-Power, Analog Out Temperature Sensor
REVISED FEBRUARY 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com