Electronic Components Datasheet Search
  English  ▼

X  

TMP20 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP20
Description  짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP20 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP20 Datasheet HTML 5Page - Texas Instruments TMP20 Datasheet HTML 6Page - Texas Instruments TMP20 Datasheet HTML 7Page - Texas Instruments TMP20 Datasheet HTML 8Page - Texas Instruments TMP20 Datasheet HTML 9Page - Texas Instruments TMP20 Datasheet HTML 10Page - Texas Instruments TMP20 Datasheet HTML 11Page - Texas Instruments TMP20 Datasheet HTML 12Page - Texas Instruments TMP20 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Vset
VTEMP
Vset
VCC
VCC
HotPlate
ColdPlate
Vref
VCC
VTEMP
Vref
Vref
VCC
VCC
ColdPlate
HotPlate
VCC
Tobject(C)
C32.5u
R731.6k
R6100M
C215.9n
R31M
VoA333
R2100k
V
+
VM3
+
-
+
U1OPA333
1
3
T1 TEC1
GND
T
GND
VOUT
V+
2
4
5
TMP20
Iset
3
ILimFlg
4
5
_
6
+
7
T Flg
8
En
12
+V
14
Out
17
V-
19
Imon
U3OPA569
V21.4
TEMP(C)
R5100k
V12.5
RTflag210k
Iset
3
ILimFlg
4
5
_
6
+
7
T Flg
8
En
12
+V
14
Out
17
V-
19
Imon
U2OPA569
RTflag110k
V
+
VM2
V
+
VM1
A
+
Isink
VoA2
RF3100k
RG3100k
A
+
Isource
VoA1
5
RG1100k
TEC,HeatSink,Object,
andTMP20Mounting
TMP20
www.ti.com
SBOS466 – DECEMBER 2009
(1)
The TMP20 TINA model is preliminary only.
(2)
Parameters and definitions:
a.
Tobject = Temperature of object to be cooled (in °C)
b.
Vset = Voltage that corresponds to desired output temperature from TMP20
c.
Vtemp = Voltage output of TMP20
d.
Hotplate = TEC plate on opposite side of object
e.
Coldplate = TEC plate in contact with object
(3)
In this configuration, the TEC driver is capable of cooling to –7°C and heating to +41°C; the Vset range is 1.38V to
1.95V. The OPA569 device outputs = ±1.65A, ±0.5V to ±4.5V. The 10M
Ω resistors are for TINA convergence.
(4)
For convergence in TINA software: In Analysis/Set Analysis Parameters menu, set shunt conductance = 1p.
Figure 13. Thermoelectric Cooler
To download a compressed file that contains the TINA-TI simulation file for this circuit, click the following link:
Thermoelectric Cooler.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TMP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com