Electronic Components Datasheet Search
  English  ▼

X  

TMP20 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP20
Description  짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP20 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP20 Datasheet HTML 4Page - Texas Instruments TMP20 Datasheet HTML 5Page - Texas Instruments TMP20 Datasheet HTML 6Page - Texas Instruments TMP20 Datasheet HTML 7Page - Texas Instruments TMP20 Datasheet HTML 8Page - Texas Instruments TMP20 Datasheet HTML 9Page - Texas Instruments TMP20 Datasheet HTML 10Page - Texas Instruments TMP20 Datasheet HTML 11Page - Texas Instruments TMP20 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
R
(1)
1nF
TMP20
MSP430
C
(1)
TMP20
MSP430
Vset
Vref
VCC
VCC
VCC
-
+
Vout
Vtemp
Vtrip
R110k
TEMP
V2 5
GND
T
GND
VOUT
V+
2
4
5
TMP20
+
-
+
REF
U1 TLV3021
Analog Temperature Switch
V
trip
80C
=
Input voltage(V)
25.00
35.00
45.00
55.00
65.00
75.00
85.00
95.00
1
.00
05
1
.00
15
1
.00
25
0.00
1.25
2.50
3.75
5.00
TripPoin
80C
t =
TMP20
SBOS466 – DECEMBER 2009
www.ti.com
OUTPUT DRIVE and CAPACITIVE LOADS
TINA-TI
(FREE DOWNLOAD SOFTWARE)
When used in noisy environments, adding a capacitor
from the output to ground with a series resistor filters
Using TINA-TI SPICE-Based Analog Simulation
the TMP20 output; this configuration is illustrated in
Program with the TMP20
Figure 11. The TMP20 can directly drive up to 1nF of
TINA is a simple, powerful, and easy-to-use circuit
load capacitance while sourcing and sinking 600
μA.
simulation program based on a SPICE engine.
Under this condition, capacitive loads in the range of
TINA-TI is a free, fully functional version of the TINA
1nF to 10
μF require a 150Ω series output resistor to
software, preloaded with a library of macromodels in
achieve a stable temperature measurement. The
addition to a range of both passive and active
output impedance of the TMP20 is 10
Ω (typical)
models. It provides all the conventional dc, transient,
when sinking current and less than 1
Ω when sourcing
and frequency domain analysis of SPICE as well as
current, as shown in Figure 1.
additional design capabilities.
Available as a free download from the Analog eLab
Design
Center,
TINA-TI
offers
extensive
post-processing capability that allows users to format
results in a variety of ways.
Virtual instruments offer users the ability to select
input waveforms and probe circuit nodes, voltages,
and waveforms, creating a dynamic quick-start tool.
Figure 12 and Figure 13 show example TINA-TI
circuits for the TMP20 that can be used to develop,
modify, and assess the circuit design for specific
applications. Links to download these simulation files
are given below.
NOTE: These files require that either the TINA
(1) A series resistor, R, may be required depending upon the
software (from DesignSoft) or TINA-TI software be
amount of capacitance, C, and the amount of source/sink current
installed. Download the free TINA-TI software from
drawn from the output of the TMP20.
the TINA-TI folder.
Figure 11. TMP20 Output Filtering
Note:
The TMP20 TINA model is preliminary only.
Figure 12. Analog Temperature Switch
To download a compressed file that contains the TINA-TI simulation file for this circuit, click the following link:
Analog Temperature Switch.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TMP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com