Electronic Components Datasheet Search
  English  ▼

X  

TMP441 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP441
Description  짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP441 Datasheet(HTML) 4 Page - Texas Instruments

  TMP441 Datasheet HTML 1Page - Texas Instruments TMP441 Datasheet HTML 2Page - Texas Instruments TMP441 Datasheet HTML 3Page - Texas Instruments TMP441 Datasheet HTML 4Page - Texas Instruments TMP441 Datasheet HTML 5Page - Texas Instruments TMP441 Datasheet HTML 6Page - Texas Instruments TMP441 Datasheet HTML 7Page - Texas Instruments TMP441 Datasheet HTML 8Page - Texas Instruments TMP441 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TMP441
TMP442
SBOS425A – DECEMBER 2008 – REVISED MARCH 2009 .............................................................................................................................................. www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +125°C and VS = 2.7V to 5.5V, unless otherwise noted.
TMP441, TMP442
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Specified Voltage Range
VS
2.7
5.5
V
Quiescent Current
IQ
0.0625 conversions per second
35
45
µA
Eight conversions per second(5)
0.7
1
mA
Serial Bus inactive, Shutdown Mode
3
10
µA
Serial Bus active, fS = 400kHz, Shutdown Mode
90
µA
Serial Bus active, fS = 3.4MHz, Shutdown Mode
350
µA
Undervoltage Lockout
UVLO
2.3
2.4
2.6
V
Power-On Reset Threshold
POR
1.6
2.3
V
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Storage Range
–60
+130
°C
Thermal Resistance, SOT23-8
θ
JA
170
°C/W
(5)
Beta correction disabled.
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TMP441 TMP442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com