Electronic Components Datasheet Search
  English  ▼

X  

TMP441 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP441
Description  짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP441 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP441 Datasheet HTML 5Page - Texas Instruments TMP441 Datasheet HTML 6Page - Texas Instruments TMP441 Datasheet HTML 7Page - Texas Instruments TMP441 Datasheet HTML 8Page - Texas Instruments TMP441 Datasheet HTML 9Page - Texas Instruments TMP441 Datasheet HTML 10Page - Texas Instruments TMP441 Datasheet HTML 11Page - Texas Instruments TMP441 Datasheet HTML 12Page - Texas Instruments TMP441 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
BETA COMPENSATION
TEMPERATURE MEASUREMENT DATA
SERIES RESISTANCE CANCELLATION
DIFFERENTIAL INPUT CAPACITANCE
TMP441
TMP442
www.ti.com .............................................................................................................................................. SBOS425A – DECEMBER 2008 – REVISED MARCH 2009
Previous generations of remote junction temperature
Temperature measurement data are taken over a
sensors were operated by controlling the emitter
default range of –55°C to +127°C for both local and
current
of
the
sensing
transistor.
However,
remote
locations.
However,
measurements
from
examination of the physics of a transistor shows that
–55°C to +150°C can be made both locally and
VBE is actually a function of the collector current. If
remotely by reconfiguring the TMP441/42 for the
beta is independent of the collector current, then VBE
extended temperature range, as described in this
may be calculated from the emitter current. In earlier
section. Temperature data resulting from conversions
generations
of
processors
that
contained
PNP
within
the
default
measurement
range
are
transistors connected to these temperature sensors,
represented in binary form, as shown in Table 1,
controlling the emitter current provided acceptable
Standard Binary column. Note that any temperature
temperature measurement results. At 90nm process
below –64°C results in a data value of –64 (C0h).
geometry and below, the beta factor continues to
Likewise, temperatures above +127°C result in a
decrease and the premise that it is independent of
value of 127 (7Fh). The device can be set to measure
collector current becomes less certain.
over an extended temperature range by changing bit
2 (RANGE) of Configuration Register 1 from low to
To manage this increasing temperature measurement
high. The change in measurement range and data
error, the TMP441/42 control the collector current
format from standard binary to extended binary
instead of the emitter current. The TMP441/42
occurs at the next temperature conversion. For data
automatically detect and choose the correct range
captured
in
the
extended
temperature
range
depending
on
the
beta
factor
of
the
external
configuration, an offset of 64 (40h) is added to the
transistor. This auto-ranging is performed at the
standard binary value, as shown in the Extended
beginning of each temperature conversion in order to
Binary column of Table 1. This configuration allows
correct for any changes in the beta factor as a result
measurement of temperatures as low as –64°C, and
of temperature variation. The device can operate a
as
high
as
+191°C;
however,
most
PNP transistor with a beta factor as low as 0.1. See
temperature-sensing diodes only measure with the
the
Beta
Compensation
Configuration
Register
range
of
–55°C
to
+150°C.
Additionally,
the
Section for further information.
TMP441/42 are rated only for ambient temperatures
ranging from –40°C to +125°C. Parameters in the
Absolute Maximum Ratings table must be observed.
Series resistance in an application circuit that typically
Table 1. Temperature Data Format (Local and
results
from
printed
circuit
board
(PCB)
trace
Remote Temperature High Bytes)
resistance and remote line length (see Figure 12) is
automatically
cancelled
by
the
TMP441/42,
LOCAL/REMOTE TEMPERATURE REGISTER
HIGH BYTE VALUE (1°C RESOLUTION)
preventing
what
would
otherwise
result
in
a
STANDARD BINARY(1)
EXTENDED BINARY(2)
temperature offset. A total of up to 1k
Ω of series line
TEMP
resistance is cancelled by the TMP441/42 if beta
(°C)
BINARY
HEX
BINARY
HEX
correction is disabled and up to 300
Ω of series line
–64
1100 0000
C0
0000 0000
00
resistance is cancelled if beta correction is enabled,
–50
1100 1110
CE
0000 1110
0E
eliminating the need for additional characterization
–25
1110 0111
E7
0010 0111
27
and temperature offset correction. See the two
0
0000 0000
00
0100 0000
40
Remote Temperature Error vs Series Resistance
1
0000 0001
01
0100 0001
41
typical characteristic curves (Figure 7 and Figure 8)
5
0000 0101
05
0100 0101
45
for details on the effect of series resistance on
10
0000 1010
0A
0100 1010
4A
sensed remote temperature error.
25
0001 1001
19
0101 1001
59
50
0011 0010
32
0111 0010
72
75
0100 1011
4B
1000 1011
8B
The
TMP441/42
can
tolerate
differential
input
100
0110 0100
64
1010 0100
A4
capacitance of up to 500pF if beta correction is
125
0111 1101
7D
1011 1101
BD
enabled, and 1000pF if beta correction is disabled
127
0111 1111
7F
1011 1111
BF
with minimal change in temperature error. The effect
150
0111 1111
7F
1101 0110
D6
of capacitance on sensed remote temperature error is
illustrated in Figure 9, Remote Temperature Error vs
175
0111 1111
7F
1110 1111
EF
Differential Capacitance. See the Filtering section for
191
0111 1111
7F
1111 1111
FF
suggested
component
values
where
filtering
(1) Resolution is 1°C/count. Negative numbers are represented in
unwanted coupled signals is needed.
twos complement format.
(2) Resolution is 1°C/count. All values are unsigned with a –64°C
offset.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TMP441 TMP442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com