Electronic Components Datasheet Search
  English  ▼

X  

TMP441 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP441
Description  짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP441 Datasheet(HTML) 5 Page - Texas Instruments

  TMP441 Datasheet HTML 1Page - Texas Instruments TMP441 Datasheet HTML 2Page - Texas Instruments TMP441 Datasheet HTML 3Page - Texas Instruments TMP441 Datasheet HTML 4Page - Texas Instruments TMP441 Datasheet HTML 5Page - Texas Instruments TMP441 Datasheet HTML 6Page - Texas Instruments TMP441 Datasheet HTML 7Page - Texas Instruments TMP441 Datasheet HTML 8Page - Texas Instruments TMP441 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TMP441 PIN CONFIGURATION
1
2
3
4
8
7
6
5
V+
SCL
GND
DXP
DXN
A1
A0
SDA
TMP441
TMP442 PIN CONFIGURATION
1
2
3
4
8
7
6
5
V+
SCL
GND
DXP1
DXN1
DXP2
DXN2
SDA
TMP442
TMP441
TMP442
www.ti.com .............................................................................................................................................. SBOS425A – DECEMBER 2008 – REVISED MARCH 2009
DCN PACKAGE
SOT23-8
(TOP VIEW)
TMP441 PIN ASSIGNMENTS
TMP441
NO.
NAME
DESCRIPTION
1
DXP
Positive connection to remote temperature sensor
2
DXN
Negative connection to remote temperature sensor
3
A1
Address pin
4
A0
Address pin
5
GND
Ground
6
SDA
Serial data line for SMBus, open-drain; requires pull-up resistor to V+.
7
SCL
Serial clock line for SMBus, open-drain; requires pull-up resistor to V+.
8
V+
Positive supply voltage (2.7V to 5.5V)
DCN PACKAGE
SOT23-8
(TOP VIEW)
TMP442 PIN ASSIGNMENTS
TMP442
NO.
NAME
DESCRIPTION
1
DXP1
Channel 1 positive connection to remote temperature sensor
2
DXN1
Channel 1 negative connection to remote temperature sensor
3
DXP2
Channel 2 positive connection to remote temperature sensor
4
DXN2
Channel 2 negative connection to remote temperature sensor
5
GND
Ground
6
SDA
Serial data line for SMBus, open-drain; requires pull-up resistor to V+.
7
SCL
Serial clock line for SMBus, open-drain; requires pull-up resistor to V+.
8
V+
Positive supply voltage (2.7V to 5.5V)
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TMP441 TMP442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com