Electronic Components Datasheet Search
  English  ▼

X  

TMP441 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP441
Description  짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP441 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP441 Datasheet HTML 2Page - Texas Instruments TMP441 Datasheet HTML 3Page - Texas Instruments TMP441 Datasheet HTML 4Page - Texas Instruments TMP441 Datasheet HTML 5Page - Texas Instruments TMP441 Datasheet HTML 6Page - Texas Instruments TMP441 Datasheet HTML 7Page - Texas Instruments TMP441 Datasheet HTML 8Page - Texas Instruments TMP441 Datasheet HTML 9Page - Texas Instruments TMP441 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TYPICAL CHARACTERISTICS
3
2
1
0
1
2
3
-
-
-
-50
-25
0
25
50
75
100
125
AmbientTemperature,T (
A
C)
°
BetaCompensationDisabled.
GNDCollector-ConnectedTransistorwithn-Factor=1.008.
3
2
1
0
1
2
3
-
-
-
-50
-25
0
25
50
75
100
125
AmbientTemperature,T (
A
C)
°
700
600
500
400
300
200
100
0
0.0625
0.125
0.25
0.5
1
2
4
8
ConversionRate(conversions/s)
TMP441
TMP442
V =5.5V
S
150
100
50
0
50
100
-
-
-150
0
5
10
15
20
30
25
LeakageResistance(M )
W
R
GND (LowBeta)
R
Vs
R
Vs (LowBeta)
R
GND
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V (V)
S
500
450
400
350
300
250
200
150
100
50
0
1k
10k
100k
1M
10M
SCLClockFrequency(Hz)
V =3.3V
S
V =5.5V
S
TMP441
TMP442
SBOS425A – DECEMBER 2008 – REVISED MARCH 2009 .............................................................................................................................................. www.ti.com
At TA = +25°C and VS = +3.3V, unless otherwise noted.
REMOTE TEMPERATURE ERROR
LOCAL TEMPERATURE ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 1.
Figure 2.
REMOTE TEMPERATURE ERROR
QUIESCENT CURRENT
vs LEAKAGE RESISTANCE
vs CONVERSION RATE
Figure 3.
Figure 4.
SHUTDOWN QUIESCENT CURRENT
SHUTDOWN QUIESCENT CURRENT
vs SCL CLOCK FREQUENCY
vs SUPPLY VOLTAGE
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TMP441 TMP442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com