Electronic Components Datasheet Search
  English  ▼

X  

SST38VF166 Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST38VF166
Description  16 Megabit FlashBank Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST38VF166 Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST38VF166 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
Data Sheet
16 Megabit FlashBank Memory
SST38VF166
7
©2001 Silicon Storage Technology, Inc.
327-3 2/01
S71065
Common Flash Interface (CFI)
The SST38VF166 also contains the CFI information in
each bank, to describe the characteristics of that bank. See
Tables 8 through 16 for the CFI contents for each bank.
Both flash banks use the same information, as each bank
operates the same. The E2 bank contains the applicable
information for that bank.
In order to obtain the CFI information, the CFI memory
space is accessed by using the CFI entry command. For
details, see Table 6 or 7 for software operation and Figures
33, 34, or 35 for timing waveforms.
CFI Mode Exit
In order to return to the standard Read mode, the CFI
mode must be exited. Exit is accomplished by issuing the
CFI exit command, which returns the device to normal
operation. This command may also be used to reset the
device to the Read mode after any inadvertent transient
condition that apparently causes the device to behave
abnormally, e.g., not read correctly. For details, see Table 6
or 7 for software operation and Figures 36, 37, or 38 for tim-
ing waveforms.
CFI is specified for byte wide information. Since the
SST38VF166 is organized word wide, the first byte (2 nib-
bles) of each CFI word is always 00H.
327 ILL F02.1
I/O Buffers and
Data Latches
512K x 16
Flash
Bank 2
4K x 16
E2 Bank
512K x 16
Flash
Bank 1
X - Decoder
Control Logic
Address Buffer
and Latches
OE#
BE#1
BE#2
BE#3
WE#
A18 - A0
DQ15 - DQ0
Charge
Pump &
Vref.
Y - Decoder
FUNCTIONAL BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com