Electronic Components Datasheet Search
  English  ▼

X  

SST38VF166 Datasheet(PDF) 16 Page - Silicon Storage Technology, Inc

Part # SST38VF166
Description  16 Megabit FlashBank Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST38VF166 Datasheet(HTML) 16 Page - Silicon Storage Technology, Inc

Back Button SST38VF166 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 20Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
16
Data Sheet
16 Megabit FlashBank Memory
SST38VF166
©2001 Silicon Storage Technology, Inc.
327-3 2/01
S71065
TABLE 18: RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol
Parameter
Minimum
Units
TPU-READ1
Power-up to Read Operation
100
µs
TPU-WRITE1
Power-up to Write Operation
100
µs
T18.1 327
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 19: CAPACITANCE (Ta = 25°C, f=1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
I/O Pin Capacitance
VI/O = 0V
12 pF
CIN1
Input Capacitance
VIN = 0V
6 pF
T19.1 327
TABLE 20: RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Endurance - Flash Bank
Endurance - E2 Bank
10,000
100,000
Cycles/Sector
Cycles/Word
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
VZAP_HBM1
ESD Susceptibility
Human Body Model
2000
Volts
JEDEC Standard A114
VZAP_MM1
ESD Susceptibility
Machine Model
200
Volts
JEDEC Standard A115
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
T20.0 327



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com