Electronic Components Datasheet Search
  English  ▼

X  

SST38VF166 Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST38VF166
Description  16 Megabit FlashBank Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST38VF166 Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST38VF166 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
8
Data Sheet
16 Megabit FlashBank Memory
SST38VF166
©2001 Silicon Storage Technology, Inc.
327-3 2/01
S71065
FIGURE 1: PIN ASSIGNMENTS FOR 48-PIN TSOP (12MM X 20MM)
TABLE
3: PIN DESCRIPTION
Symbol
Name
Functions
A18-A0
Flash Bank Addresses
To provide Flash Bank addresses
A11-A0
E2 Bank Addresses
To provide E2 Bank addresses
A18-A15
Flash Bank Block Addresses
To select a Flash Bank Block for erase
A18-A10
Flash Bank Sector Addresses To select a Flash Bank Sector for erase
A11-A5
E2 Bank Sector Addresses
To select an E2 Bank Sector for erase
DQ15-DQ0 Data Input/output
To output data during Read cycles and receive input data during Write cycles.
Data is internally latched during a Write cycle.
The outputs are in tri-state when OE# is high or BE#1, BE#2, and BE#3 are high.
OE#
Output Enable
To gate the data output buffers
WE#
Write Enable 1
To control the Write, Erase, or Program operations
VDD
Power Supply
To provide 2.7-3.6V power supply
VSS
Ground
NC
No Connect
Unconnected pins
T3.4 327
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE#
NC
BE#2
NC
BE#3
A18
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A16
NC
VSS
DQ15
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VDD
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE#
VSS
BE#1
A0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
327 ILL F01b.5
Standard Pinout
Top View
Die Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com