Electronic Components Datasheet Search
  English  ▼

X  

REF196GRUZ Datasheet(PDF) 4 Page - Analog Devices

Part # REF196GRUZ
Description  Evaluation Board User Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF196GRUZ Datasheet(HTML) 4 Page - Analog Devices

  REF196GRUZ Datasheet HTML 1Page - Analog Devices REF196GRUZ Datasheet HTML 2Page - Analog Devices REF196GRUZ Datasheet HTML 3Page - Analog Devices REF196GRUZ Datasheet HTML 4Page - Analog Devices REF196GRUZ Datasheet HTML 5Page - Analog Devices REF196GRUZ Datasheet HTML 6Page - Analog Devices REF196GRUZ Datasheet HTML 7Page - Analog Devices REF196GRUZ Datasheet HTML 8Page - Analog Devices REF196GRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UG-272
Evaluation Board User Guide
Rev. A | Page 4 of 12
RUNNING THE SOFTWARE
To run the evaluation board program, do the following:
1. Click Start/All Programs/Analog Devices/AD9833/
AD9833 Eval Board.
2. If the SDP board is not connected to the USB port when
the software is launched, a connectivity error displays (see
Figure 3). Simply connect the evaluation board to the USB
port of the PC, wait a few seconds, click Rescan, and follow
the instructions.
3. Ensure that all links are in their correct locations (see Table 1).
The main window of the AD9833DBZ evaluation software
then opens, as shown in Figure 4.
Table 1. Default Setup for Link Positions
Link No.
Position
Function
LK1
Out
Decouple the CAP/2.5V pin to ground
because VDD is >2.7 V.
LK2
A
On-board linear regulator selected to
supply power to the general oscillator.
LK4
A
3.3 V digital supply for the AD9833 supplied
from the EVAL-SDP-CB1Z SDP board.
Figure 3. Pop-Up Window Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com