Electronic Components Datasheet Search
  English  ▼

X  

REF196GRUZ Datasheet(PDF) 7 Page - Analog Devices

Part # REF196GRUZ
Description  Evaluation Board User Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF196GRUZ Datasheet(HTML) 7 Page - Analog Devices

Back Button REF196GRUZ Datasheet HTML 3Page - Analog Devices REF196GRUZ Datasheet HTML 4Page - Analog Devices REF196GRUZ Datasheet HTML 5Page - Analog Devices REF196GRUZ Datasheet HTML 6Page - Analog Devices REF196GRUZ Datasheet HTML 7Page - Analog Devices REF196GRUZ Datasheet HTML 8Page - Analog Devices REF196GRUZ Datasheet HTML 9Page - Analog Devices REF196GRUZ Datasheet HTML 10Page - Analog Devices REF196GRUZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Evaluation Board User Guide
UG-272
Rev. A | Page 7 of 12
RESET AND SWEEP
The reset software command is set using the button shown in
Figure 11. To set up a DDS sweep, click Sweep.
Figure 11. Software Reset and Sweep Select
The sweep function allows users to load a start frequency, stop
frequency, increment size, number of loops, and delay between
each frequency increment. These commands are then loaded to
the part automatically from the EVAL-SDP-CB1Z board.
Figure 12. Sweep Functionality
EXAMPLE OF OPERATION
An example of configuring the AD9833 to output 10 kHz follows:
1. Plug the EVAL-SDP-CB1Z board into the EVAL-
AD9833SDZ board and connect to the USB port.
2. Start up the software located at Start/All Programs/
Analog Devices/AD9833/AD9833 Eval Board. You should
see the SDP board communicating with the PC.
3. Select connectorA or connectorB; this must match what
the AD9837 test chip is connected to.
4. Define MCLK; the default is an on-board 25 MHz
oscillator.
5. Ensure that all links are in the correct locations (see Table 1).
6. Select the FREQ 1 register.
7. Load a 10 kHz excitation frequency and click Enter.
The output should appear on the IOUT and IOUTB outputs on
the evaluation board.
For the FREQ 0 register,
•
Select the FREQ 0 register.
•
Load the FREQ 0 register with 20 kHz and click Enter.
For the FREQ 1 register,
•
Select the FREQ 1 register to load the 10 kHz associated
with this register.
CH1 100mV
M20µs
A CH1
182mV
1
T
0s
CH1 FREQ
10kHz
CH1 p-p
596mV
Figure 13. 10 kHz Output Signals on an IOUT Test Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com