Electronic Components Datasheet Search
  English  ▼

X  

REF196GRUZ Datasheet(PDF) 3 Page - Analog Devices

Part # REF196GRUZ
Description  Evaluation Board User Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF196GRUZ Datasheet(HTML) 3 Page - Analog Devices

  REF196GRUZ Datasheet HTML 1Page - Analog Devices REF196GRUZ Datasheet HTML 2Page - Analog Devices REF196GRUZ Datasheet HTML 3Page - Analog Devices REF196GRUZ Datasheet HTML 4Page - Analog Devices REF196GRUZ Datasheet HTML 5Page - Analog Devices REF196GRUZ Datasheet HTML 6Page - Analog Devices REF196GRUZ Datasheet HTML 7Page - Analog Devices REF196GRUZ Datasheet HTML 8Page - Analog Devices REF196GRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Evaluation Board User Guide
UG-272
Rev. A | Page 3 of 12
EVALUATION BOARD SOFTWARE
INSTALLING THE SOFTWARE
The EVAL-AD9833SDZ evaluation kit includes the software and
drivers on CD. The software is compatible with Windows® XP,
Windows Vista, and Windows 7.
To install the software, follow these steps:
1. Install the software before connecting the SDP board to the
USB port of the PC.
2. Start the Windows operating system and insert the
EVAL-AD9833SDZ evaluation kit CD.
3. Download the AD9833SDZ LabVIEW® software. The correct
driver, SDPDriversNET, for the SDP board should download
automatically after LabVIEW is downloaded, supporting
both 32- and 64-bit systems. However, if the drivers do not
download automatically, the driver executable file can also
be found in the Program Files/Analog Devices folder.
Follow the on-screen prompts to install the SDPDriverNet
Version 1.3.6.0.
4. After installation of the software and drivers is complete, plug
the EVAL-AD9833SDZ into the SDP board and the SDP
board into the PC using the USB cable included in the box.
5. When the software detects the evaluation board, proceed
through any dialog boxes that appear to finalize the
installation (Found New Hardware Wizard/Install the
Software Automatically and so on).
Figure 2. Hardware Device Manager Window with SDP Board Plugged In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com