Electronic Components Datasheet Search
  English  ▼

X  

REF196GRUZ Datasheet(PDF) 1 Page - Analog Devices

Part # REF196GRUZ
Description  Evaluation Board User Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF196GRUZ Datasheet(HTML) 1 Page - Analog Devices

  REF196GRUZ Datasheet HTML 1Page - Analog Devices REF196GRUZ Datasheet HTML 2Page - Analog Devices REF196GRUZ Datasheet HTML 3Page - Analog Devices REF196GRUZ Datasheet HTML 4Page - Analog Devices REF196GRUZ Datasheet HTML 5Page - Analog Devices REF196GRUZ Datasheet HTML 6Page - Analog Devices REF196GRUZ Datasheet HTML 7Page - Analog Devices REF196GRUZ Datasheet HTML 8Page - Analog Devices REF196GRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Evaluation Board User Guide
UG-272
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
Evaluating the AD9833 Low Power 12.65 mW, 2.3 V to 5.5 V, Programmable
Waveform Generator
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. A | Page 1 of 12
FEATURES
Full featured evaluation board for the AD9833 evaluation
board
Graphical user interface software for board control and data
analysis
Connector to EVAL-SDP-CB1Z system demonstration
platform (SDP) board
Various power supply and reference link options
APPLICATIONS
Biomedical sensors
Bioelectrical impedance analysis
Electrochemical analysis
Impedance spectroscopy
Complex impedance measurement
Nondestructive testing
GENERAL DESCRIPTION
The AD9833 is a 25 MHz low power DDS device capable of
producing high performance sine and triangular outputs. It
also has an on-board comparator that allows a square wave to
be produced for clock generation. Consuming only 13 mW of
power at 3 V makes the AD9833 an ideal candidate for power-
sensitive applications.
The EVAL-AD9833SDZ board is used in conjunction with an
EVAL-SDP-CB1Z SDP board available from Analog Devices, Inc.
The USB-to-SPI communication to the AD9837 is completed
using this Blackfin®-based development board.
A high performance, on-board 25 MHz trimmed general
oscillator is available to use as the master clock for the AD9837
system. Various links and SMB connectors are also available on
the EVAL-AD9833SDZ board to maximize usability.
Complete specifications for the AD9833 are provided in the
AD9833 data sheet, available from Analog Devices, and should
be consulted in conjunction with this user guide when using the
evaluation board.
FUNCTIONAL BLOCK DIAGRAM
SDATA
FSYNC
MCLK
AD9833
EVAL-SDP-CB1Z
REF196
USB
SPORT
VOUT
MCLK XO
SCLK
Figure 1.


Similar Part No. - REF196GRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF196GRUZ-REEL7 AD-REF196GRUZ-REEL7 Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
More results

Similar Description - REF196GRUZ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3146EVAL IRF-IRDC3146EVAL Datasheet
1Mb / 15P
IRU3146 EVALUATION BOARD USER GUIDE
IRDC3138EVAL IRF-IRDC3138EVAL Datasheet
541Kb / 6P
EVALUATION BOARD USER GUIDE
logo
Intersil Corporation
ISL281X7MSOPEVAL1Z INTERSIL-ISL281X7MSOPEVAL1Z Datasheet
254Kb / 4P
Evaluation Board User?셲 Guide
May 25, 2010
ISL282X7SOICEVAL2Z INTERSIL-ISL282X7SOICEVAL2Z Datasheet
252Kb / 4P
Evaluation Board User?셲 Guide
November 6, 2009
logo
Analog Devices
UG-317 AD-UG-317 Datasheet
568Kb / 12P
Evaluation Board User Guide
REV. 0
UG-486 AD-UG-486 Datasheet
532Kb / 8P
Evaluation Board User Guide
REV. 0
UG-287 AD-UG-287 Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
UG-128 AD-UG-128 Datasheet
225Kb / 8P
Evaluation Board User Guide
REV. B
logo
International Rectifier
IRDC3046 IRF-IRDC3046 Datasheet
164Kb / 7P
IRU3046 EVALUATION BOARD USER GUIDE
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
Evaluation Board User Guide
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com