Electronic Components Datasheet Search
  English  ▼

X  

SST48CF256 Datasheet(PDF) 24 Page - Silicon Storage Technology, Inc

Part # SST48CF256
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF256 Datasheet(HTML) 24 Page - Silicon Storage Technology, Inc

Back Button SST48CF256 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 28Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
24
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
2.4.1 Attribute Memory Function
Attribute memory is a space where CompactFlash card identification and configuration information are stored, and
is limited to 8-bit wide accesses only at even addresses. The card configuration registers are also located here.
For the Attribute Memory Read function, signals -REG and -OE must be active and -WE inactive during the cycle.
As in the Main Memory Read functions, the signals -CE1 and -CE2 control the Even Byte and Odd Byte address,
but only the Even Byte data is valid during the Attribute Memory access. Refer to Table 2-13 below for signal states
and bus validity for the Attribute Memory function.
Note: The -CE signal or both the -OE signal and the -WE signal must be de-asserted between consecutive cycle operations.
2.4.2 Configuration Option Register (Address 200H in Attribute Memory)
The Configuration Option Register is used to configure the cards interface, address decoding and interrupt and to
issue a soft reset to the CompactFlash card.
SRESET
Soft Reset - Setting this bit to one (1), waiting the minimum reset width time and
returning to zero (0) places the CompactFlash card in the Reset state. Setting this bit to
one (1) is equivalent to assertion of the +RESET signal except that the SRESET bit is
not cleared. Returning this bit to zero (0) leaves the CompactFlash card in the same un-
configured Reset state as following power-up and hardware reset. This bit is set to zero
(0) by power-up and hardware reset. Using the PCMCIA Soft Reset is considered a hard
Reset by the ATA Commands. Contrast with Soft Reset in the Device Control Register.
LevlREQ
This bit is set to one (1) when Level Mode Interrupt is selected, and zero (0) when Pulse
Mode is selected. Set to zero (0) by Reset.
Conf5
Conf0 Configuration Index. Set to zero (0) by reset. It’s used to select operation mode of
the CompactFlash card as shown below.
Note: Conf5 and Conf4 are reserved and must be written as (0).
TABLE
2-13: ATTRIBUTE MEMORY FUNCTION
Function Mode
-REG
-CE2
-CE1
A10
A9
A0
-OE
-WE
D15-D8
D7-D0
Standby Mode
X
VIH
VIH
X
X
X
X
X
High Z
High Z
Read Byte Access CIS ROM (8 bits)
VIL
VIH
VIL
VIL
VIL
VIL
VIL
VIH
High Z
Even Byte
Write Byte Access CIS (8 bits) (Invalid)
VIL
VIH
VIL
VIL
VIL
VIL
VIH
VIL
Don’t Care
Even Byte
Read Byte Access Configuration (8 bits)
VIL
VIH
VIL
VIL
VIH
VIL
VIL
VIH
High Z
Even Byte
Write Byte Access Configuration (8 bits)
VIL
VIH
VIL
VIL
VIH
VIL
VIH
VIL
Don’t Care
Even Byte
Read Word Access CIS (16 bits)
VIL
VIL
VIL
VIL
VIL
XVIL
VIH
Not Valid
Even Byte
Write Word Access CIS (16 bits) (Invalid)
VIL
VIL
VIL
VIL
VIL
XVIH
VIL
Don’t Care
Even Byte
Read Word Access Configuration (16 bits)
VIL
VIL
VIL
VIL
VIH
XVIL
VIH
Not Valid
Even Byte
Write Word Access Configuration (16 bits)
VIL
VIL
VIL
VIL
VIH
XVIH
VIL
Don’t Care
Even Byte
T2-13.0 375
Operation
D7D6
D5D4D3D2
D1D0
R/W
SRESET
LevlREQ
Conf5
Conf4
Conf3
Conf2
Conf1
Conf0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com