Electronic Components Datasheet Search
  English  ▼

X  

SST48CF256 Datasheet(PDF) 48 Page - Silicon Storage Technology, Inc

Part # SST48CF256
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF256 Datasheet(HTML) 48 Page - Silicon Storage Technology, Inc

Back Button SST48CF256 Datasheet HTML 44Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 45Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 46Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 47Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 48Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 49Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 50Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 51Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 52Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
48
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
3.2.1.16 Seek - 7XH
This command is effectively a NOP command to the CompactFlash card although it does perform a
range check of cylinder and head or LBA address and returns an error if the address is out of range.
3.2.1.17 Set Features - EFH
This command is used by the host to establish or select certain features. Table 3-10 defines all features
that are supported.
TABLE
3-9: EXTENDED ERROR CODES
Extended Error Code
Description
00H
No Error Detected
01H
Self Test OK (No Error)
09H
Miscellaneous Error
20H
Invalid Command
21H
Invalid Address (Requested Head or Sector Invalid)
2FH
Address Overflow (Address Too Large)
35H, 36H
Supply or generated Voltage Out of Tolerance
11H
Uncorrectable ECC Error
18H
Corrected ECC Error
05H, 30-34H, 37H, 3EH
Self Test or Diagnostic Failed
10H, 14H
ID Not Found
3AH
Spare Sectors Exhausted
1FH
Data Transfer Error / Aborted Command
0CH, 38H, 3BH, 3CH, 3FH
Corrupted Media Format
03H
Write / Erase Failed
T3-9.0 375
Bit ->
76
54
32
10
Command (7)
7XH
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
X (LBA 7-0)
Sec Cnt (2)
X
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
EFH
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
Config
Feature (1)
Feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com